Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS5150C Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS5150C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS5150C Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS5150C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS5150C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS5150C Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS5150C--SS5200C
Document Number: SMC418AA
www.gmicroelec.com
1
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop, low switching losses
High surge capacity
For use in low voltage, high frequency inverters free
wheeling, and polarity protection applications
MECHANICAL DATA
Case: SMC molded plastic body
Terminals: Axial lead ,solderable per MIL-STD750, Method 2026
Polarity: As marked
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS5150C
SS5200C
UNITS
Marking code
SS5CC
SS5DC
Maximum repetitive peak reverse voltage
VRRM
150
200
V
Maximum RMS voltage
VRWS
105
140
V
Maximum DC blocking voltage
VDC
150
200
V
Maximum average forward rectified current at TL=110℃
IF(AV)
5.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
SS5150C
SS5200C
UNITS
Typical thermal resistance(NOTE1)
RθJa
RθJC
RθJL
57
29
19
/W
Operating temperature range
TJ
-55----+150
Storage temperature range
TSTG
-55----+150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS5150C
SS5200C
UNITS
Maximum instantaneous forward voltage at IFM=5.0A
VF
0.95
V
Maximum DC reverse current
TA=25℃
at rated DC blocking voltage
TA=100℃
IR
0.1
10
m A
NOTE: (1) Device mounted on PCB with 15mm x 25 mm copper pad areas
Pb
Lead-free


Similar Part No. - SS5150C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS5150C BILIN-SS5150C Datasheet
510Kb / 4P
   Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SS5150C CHENDA-SS5150C Datasheet
897Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS5150C BILIN-SS5150C_17 Datasheet
510Kb / 4P
   Schottky Barrier Rectifiers
More results

Similar Description - SS5150C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com