Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH31-PCB240 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AH31-PCB240
Description  High Dynamic Range IF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH31-PCB240 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AH31-PCB240 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH31-PCB240 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH31-PCB240 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH31-PCB240 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH31-PCB240 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH31-PCB240 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH31-PCB240 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH31-PCB240 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH31-PCB240 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
The Communications Edge
TM
AH31
High Dynamic Range IF Amplifier
Product Information
Typical Device Data
S-parameters (Vd = +5 V, Id = 150 mA, unmatched 50
Ω system).
• Measurements are shown for an unmatched packaged device with the data being de-embedded to the device leads.
• The amplifier requires a matching network at the input for proper operation. The amplifier is intrinsically well matched at the output and
ideally should “look” into 50
Ω. Any deviation from this can affect the linearity IP3 performance for the device.
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
S21 and Maximum Stable Gain
10
13
16
19
22
25
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.4
S11
Swp Max
3GHz
Swp Min
0.05GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
3GHz
Swp Min
0.05GHz
Application Circuit PC Board Layout
Circuit Board Material: .014” FR-4, 4 layers (other layers added for rigidity), .062” total thickness, 1 oz copper
Microstrip line details: width = .024”, spacing = .036”
1 GHz
2 GHz
3 GHz
1 GHz
2 GHz
3 GHz
Maximum Stable Gain
S21


Similar Part No. - AH31-PCB240

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH31-PCB240 WJCI-AH31-PCB240 Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
AH31-PCB240 WJCI-AH31-PCB240 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
More results

Similar Description - AH31-PCB240

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
AH31 WJCI-AH31 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com