Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS1900 Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # PCS1900
Description  Ceramic Quad Band Monopole Antenna
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PCS1900 Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button PCS1900 Datasheet HTML 3Page - Pulse A Technitrol Company PCS1900 Datasheet HTML 4Page - Pulse A Technitrol Company PCS1900 Datasheet HTML 5Page - Pulse A Technitrol Company PCS1900 Datasheet HTML 6Page - Pulse A Technitrol Company PCS1900 Datasheet HTML 7Page - Pulse A Technitrol Company PCS1900 Datasheet HTML 8Page - Pulse A Technitrol Company PCS1900 Datasheet HTML 9Page - Pulse A Technitrol Company PCS1900 Datasheet HTML 10Page - Pulse A Technitrol Company PCS1900 Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
7
Pulse Finland Oy
Takatie 6
90440 Kempele, Finland
Tel: +358 207 935 500
Domicile: Kempele
Business ID: 1933992-8
firstnamelastname@pulseeng.com
Application Note: W3073 Ceramic Quad Band Monopole Antenna.
Confidential.
Preliminary (02/10)
© 2006. All Rights Reserved.
Recommended test board- layout for electrical characteristic measurement. Test
board outline size 105 x 40mm. Ground cleared under antenna 40mm x 10mm.
3D- view of Test Setup
Version 1: GSM850, PCN1800, PCS1900 and WCDMA I
3D- view of Test Setup
Version 2: EGSM900, PCN1800, PCS1900 and WCDMA I
W3073 Ceramic Chip Antenna
10nH series Inductors for frequency tuning
Values depend on application and
surrounding mechanics and materials.
W3073 Ceramic Chip Antenna
12nH shunt-inductor for impedance
matching
Value depends on application and
surrounding mechanics and materials.
15nH shunt-inductor for impedance
matching
Value depend on application and
surrounding mechanics and materials.
10nH series inductor
Value depends on application and
surrounding mechanics and materials.
12nH series inductor
Value depends on application and
surrounding mechanics and materials.


Similar Part No. - PCS1900

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCS1900 NSC-PCS1900 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
Eudyna Devices Inc
PCS1900 EUDYNA-PCS1900 Datasheet
176Kb / 5P
   Quad-band Antenna Switch Module
logo
Silicon Laboratories
PCS1900 SILABS-PCS1900 Datasheet
687Kb / 38P
   Single 8x8 mm package CMOS process technology Intergrated GSM/GPRS transceiver including
More results

Similar Description - PCS1900

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
EGSM900 PULSE-EGSM900 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3070 PULSE-W3070 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3000 PULSE-W3000 Datasheet
5Mb / 28P
   Ceramic Monopole Antenna
logo
Taoglas antenna solutio...
TG190112 TAOGLAS-TG190112 Datasheet
500Kb / 10P
   Mini Helical Quad-Band Cellular Antenna Connector Mount Monopole
logo
World Produts Inc.
WPANT30001-SB WPI-WPANT30001-SB_15 Datasheet
139Kb / 4P
   3G Penta-band Monopole Antenna
WPANT30001-SB WPI-WPANT30001-SB Datasheet
142Kb / 4P
   3G Penta-band Monopole Antenna
logo
Linx Technologies
ANT-490-CW-QW LINX-ANT-490-CW-QW Datasheet
742Kb / 8P
   Single-Band Connectorized Monopole Antenna
2019
logo
List of Unclassifed Man...
TG190112 ETC2-TG190112 Datasheet
522Kb / 10P
   Mini Helical Quad-Band Cellular Antenna Connector Mount Monopole
logo
Pulse A Technitrol Comp...
W3404SMA PULSE-W3404SMA Datasheet
1Mb / 10P
   Wide Band LTE Monopole Antenna
logo
Harris Corporation
RF-398-01 HARRIS-RF-398-01 Datasheet
320Kb / 2P
   VHF LOW-BAND VERTICAL MONOPOLE ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com