Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8090D Datasheet(PDF) 6 Page - ON Semiconductor

Part # AND8090D
Description  AC Characteristics of ECL Devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8090D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AND8090D Datasheet HTML 2Page - ON Semiconductor AND8090D Datasheet HTML 3Page - ON Semiconductor AND8090D Datasheet HTML 4Page - ON Semiconductor AND8090D Datasheet HTML 5Page - ON Semiconductor AND8090D Datasheet HTML 6Page - ON Semiconductor AND8090D Datasheet HTML 7Page - ON Semiconductor AND8090D Datasheet HTML 8Page - ON Semiconductor AND8090D Datasheet HTML 9Page - ON Semiconductor AND8090D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AND8090/D
http://onsemi.com
6
Output Swing − The output swing (VOUTpp) is measured
between the HIGH and LOW levels of each individual
differential or single−ended output. The output voltage
swing for each individual output is defined by the following
equation and Figure 8.
VOUTPP + VOH * VOL
VOUTpp
VOH
VOL
50%
Figure 8. Output Voltage Swing
The VOUTpp value is shown as the vertical axis in the data
sheet maximum frequency plots (refer to the “Maximum
Input Frequency” section).
SIGNAL TIMING
Duty Cycle − The duty cycle is the ratio of the HIGH pulse
width (PW) to the signal period and is described by the
following equations:
Signal Period = Time between adjacent rising edges
Duty Cycle = (HIGH Pulse Width/Signal Period) * 100%
The 50% points are used to measure the HIGH pulse
width and the signal period. AC characteristics for
ON Semiconductor devices are typically measured for a
50% duty cycle input. A 50% duty cycle input/output is
shown in Figure 9. Note that the HIGH and LOW pulse
widths (PWH and PWL respectively) are equal for a 50%
duty cycle signal.
PWH
HIGH
LOW
50%
PWL
Fifty Percent Duty Cycle: PWH = PWL
Figure 9. Input/Output Duty Cycle
Maximum Input Frequency − This is a typical device
performance value. It is the highest allowable input
frequency for proper device operation (fMAX). For shift
registers, it is referred to as the Maximum Shift Frequency
(fSHIFT). It is the frequency where the output voltage swing
(VOUTpp) is equal to a minimum value that is determined by
the device type, or it is the frequency where the device no
longer functions properly.
An output voltage swing versus input frequency plot is
typically included with data sheets. For the MC100EP90
example shown in Figure 10, the maximum listed input
frequency of 3.0 GHz occurs at an output voltage swing of
approximately 400 mV. The jitter shown in Figure 10 is
described in a later section.
0
100
200
300
400
500
600
700
800
900
0
1000
2000
3000
4000
Figure 10. Output Voltage vs. Input Frequency Example
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
(JITTER)
9


Similar Part No. - AND8090D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8090D ONSEMI-AND8090D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AND8090D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1300AB-STEP INFINEON-XMC1300AB-STEP Datasheet
2Mb / 78P
   physical characteristics of the XMC1300 series devices
V2.0 2017-10
logo
Analog Devices
AND8020 AD-AND8020 Datasheet
173Kb / 18P
   Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
July, 2004 ??Rev. 5
logo
CUI INC
SCDXXPUN CUI-SCDXXPUN Datasheet
40Kb / 1P
   Characteristics of SCD15PUN
logo
Dynex Semiconductor
AN5950 DYNEX-AN5950 Datasheet
1Mb / 23P
   TABLES OF CHARACTERISTICS
logo
CUI INC
SCDXXPUR CUI-SCDXXPUR Datasheet
559Kb / 1P
   Characteristics of SCD10PUR
logo
Advanced Crystal Techno...
ACTF9006 ACT-ACTF9006 Datasheet
66Kb / 3P
   characteristics of SAW Filter
SEPT 04
ACTF474S ACT-ACTF474S Datasheet
150Kb / 5P
   characteristics of SAW Filter
SEPT 04
logo
Fairchild Semiconductor
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
   Electrical Characteristics of IGBT
FGL60N170D FAIRCHILD-FGL60N170D Datasheet
558Kb / 8P
   Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
   Electrical Characteristics of IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com