Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8090D Datasheet(PDF) 1 Page - ON Semiconductor

Part # AND8090D
Description  AC Characteristics of ECL Devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8090D Datasheet(HTML) 1 Page - ON Semiconductor

  AND8090D Datasheet HTML 1Page - ON Semiconductor AND8090D Datasheet HTML 2Page - ON Semiconductor AND8090D Datasheet HTML 3Page - ON Semiconductor AND8090D Datasheet HTML 4Page - ON Semiconductor AND8090D Datasheet HTML 5Page - ON Semiconductor AND8090D Datasheet HTML 6Page - ON Semiconductor AND8090D Datasheet HTML 7Page - ON Semiconductor AND8090D Datasheet HTML 8Page - ON Semiconductor AND8090D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2003
November, 2003 − Rev. 1
1
Publication Order Number:
AND8090/D
AND8090/D
AC Characteristics of ECL
Devices
APPLICATION NOTE USAGE
This application note provides a general overview of the
AC
characteristics
that
are
specified
on
the
ON Semiconductor data sheets for MECL 10K
™, 10H™,
100H, ECLinPS
™, ECLinPS Lite™, and GigaComm™ SiGe
devices. Data sheet information takes precedence over this
application note if there are differences. This application
note includes the following information:
AC Test Bench Information
AC Characteristic Definitions
AC Characteristic Test Methods
AC Characteristic Examples
AC Characteristic Symbols
AC Characteristic References
TABLE OF CONTENTS
Lab Testing
Test Bench Overview
2
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Test Initialization
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Test Bench Equipment
3
. . . . . . . . . . . . . . . . . . . . . . . . . .
AC Test Boards
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Levels
AC HIGH and LOW Levels
5
. . . . . . . . . . . . . . . . . . . . . .
Oscilloscope Averaging
5
. . . . . . . . . . . . . . . . . . . . . . . . .
Input Levels
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Levels
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Swing
6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Timing
Duty Cycle
6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Input Frequency
6
. . . . . . . . . . . . . . . . . . . . . .
Differential Characteristics
Differential Input Application
7
. . . . . . . . . . . . . . . . . . . . .
Unused Output Termination
7
. . . . . . . . . . . . . . . . . . . . . .
Differential Crosspoint
7
. . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Swing
7
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Test Input Swing
7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Characteristics (continued)
Common Mode Range
7
. . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Example
8
. . . . . . . . . . . . . . . . . . . . . . .
Single−Ended Characteristics
Single−Ended Inputs
8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Single−Ended 50% Points
8
. . . . . . . . . . . . . . . . . . . . . . .
Single–Ended Input Voltage Range
8
. . . . . . . . . . . . . . .
Single–Ended Input Test Level
8
. . . . . . . . . . . . . . . . . . .
Differential Inputs (Single–Ended Mode)
9
. . . . . . . . . . .
Timing Characteristics
Output Rise and Fall Times
9
. . . . . . . . . . . . . . . . . . . . . .
Propagation Delay
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Skew (Duty Cycle)
11
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Skew (Within Device)
11
. . . . . . . . . . . . . . . . . . . . . . . . . .
Skew (Device to Device)
11
. . . . . . . . . . . . . . . . . . . . . . .
Minimum Input Pulse Width
11
. . . . . . . . . . . . . . . . . . . . .
Setup and Hold Time
12
. . . . . . . . . . . . . . . . . . . . . . . . . .
Set and Reset Recovery Time
14
. . . . . . . . . . . . . . . . . .
Jitter
Jitter Overview
15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Random Jitter
15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RJ Confidence Levels
15
. . . . . . . . . . . . . . . . . . . . . . . . .
Total RJ Test Setup
16
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Test Equipment RJ Test Setup
16
. . . . . . . . . . . . . . . . . .
DUT RJ Calculation
16
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Deterministic Jitter
17
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total DJ Test Setup
17
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Test Equipment DJ Test Setup
18
. . . . . . . . . . . . . . . . . .
DUT DJ Calculation
18
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Symbols and Acronyms
Symbols and Acronyms Table
19
. . . . . . . . . . . . . . . . . . .
References
AC Characteristic References
20
. . . . . . . . . . . . . . . . . . .
APPLICATION NOTE
http://onsemi.com


Similar Part No. - AND8090D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8090D ONSEMI-AND8090D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AND8090D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1300AB-STEP INFINEON-XMC1300AB-STEP Datasheet
2Mb / 78P
   physical characteristics of the XMC1300 series devices
V2.0 2017-10
logo
Analog Devices
AND8020 AD-AND8020 Datasheet
173Kb / 18P
   Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
July, 2004 ??Rev. 5
logo
CUI INC
SCDXXPUN CUI-SCDXXPUN Datasheet
40Kb / 1P
   Characteristics of SCD15PUN
logo
Dynex Semiconductor
AN5950 DYNEX-AN5950 Datasheet
1Mb / 23P
   TABLES OF CHARACTERISTICS
logo
CUI INC
SCDXXPUR CUI-SCDXXPUR Datasheet
559Kb / 1P
   Characteristics of SCD10PUR
logo
Advanced Crystal Techno...
ACTF9006 ACT-ACTF9006 Datasheet
66Kb / 3P
   characteristics of SAW Filter
SEPT 04
ACTF474S ACT-ACTF474S Datasheet
150Kb / 5P
   characteristics of SAW Filter
SEPT 04
logo
Fairchild Semiconductor
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
   Electrical Characteristics of IGBT
FGL60N170D FAIRCHILD-FGL60N170D Datasheet
558Kb / 8P
   Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
   Electrical Characteristics of IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com