Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4800KI-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA4800KI-TR
Description  Stereo 290mW 8ohm Speaker Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4800KI-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA4800KI-TR Datasheet HTML 1Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Apr., 2001
APA4800
www.anpec.com.tw
2
Thermal Characteristics
Symbol
Parameter
Value
Unit
R
THJA
Thermal Resistance from Junction to Ambient in Free Air
DIP-8
SO-8
109
210
K/W
K/W
Absolute Maximum Ratings
Electrical Characteristics T
A=25°C, f=1kHz( unless otherwise noted)
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
5
V
T
SC (O)
Output Short-circuit Duration, at T
A=25°C, PTOT=1W
20
S
T
A
Operating Ambient Temperature range
-40 to 85
°C
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
260
°C
V
ESD
Electrostatic Discharge
-3000 to 3000 *1
V
Note: *1. Human body model : C=100pF, R=1500
Ω, 3 positive pulses plus 3 negative pulses
APA4800
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Power Supply Voltage
2.7
5.5
V
V
DD=5V
I
DD
Supply Current
No Load
2.5
mA
V
I(OS)
Input Offset Voltage
5
50
mV
AC Characteristics
(THD+N)/S Total Harmonic Distortion
plus Noise to Signal
Ratio
P
O =200mW, RL=8Ω, f=1kHz
P
O =120mW, RL=16Ω, f=1kHz
0.1
0.05
%
P
O
Output Power
(THD+N)/S=0.2%, f=1kHz
mW
R
L=8Ω
210
R
L=16Ω
140
P
O
Output Power
(THD+N)/S=10%, f=1kHz
mW
R
L=8Ω
290
R
L=16Ω
190
PSRR
Power Supply Rejection
Ratio
C
B=2.2 µF,VRIPPLE=200mVrms,
f=120Hz
55
dB
S/N
Signal to Noise Ratio
R
L=8Ω
20
µVrms


Similar Part No. - APA4800KI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4801 ANPEC-APA4801 Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801JI-TR ANPEC-APA4801JI-TR Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801JI-TU ANPEC-APA4801JI-TU Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801KI-TR ANPEC-APA4801KI-TR Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801KI-TU ANPEC-APA4801KI-TU Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
More results

Similar Description - APA4800KI-TR

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
logo
AAEON Technology
GENE-BT07 AAEON-GENE-BT07 Datasheet
274Kb / 2P
   2 CH Audio, Support 8ohm/2W Speaker
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com