Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4800KI-TR Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA4800KI-TR
Description  Stereo 290mW 8ohm Speaker Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4800KI-TR Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA4800KI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 9Page - Anpec Electronics Coropration APA4800KI-TR Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Apr., 2001
APA4800
www.anpec.com.tw
6
Typical Characteristics Cont.
Output Power (mW)
Power Dissipation vs Output Power
0
50
100
150
200
0
50
100
150
200
250
300
V
DD= 5V
f=1kHz
A
V= -1
THD+N<1%
BW<80kHz
R
L= 8Ω
R
L= 16Ω
Power Dissipation vs Output Power
70
10
20
30
40
50
60
0
0
20
40
60
80
100
Output Power (mW)
V
DD=3V
f=1kHz
A
V= -1
THD+N<1%
BW<80kHz
R
L= 8Ω
R
L= 16Ω
Supply Current vs Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
NO LOAD
Open Loop Frequency Response
+0
+80
+20
+40
+60
20
200k
100
1k
10k
Frequency (Hz)
V
DD=5V
AV= -1
Single-Ended


Similar Part No. - APA4800KI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4801 ANPEC-APA4801 Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801JI-TR ANPEC-APA4801JI-TR Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801JI-TU ANPEC-APA4801JI-TU Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801KI-TR ANPEC-APA4801KI-TR Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
APA4801KI-TU ANPEC-APA4801KI-TU Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
More results

Similar Description - APA4800KI-TR

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
logo
AAEON Technology
GENE-BT07 AAEON-GENE-BT07 Datasheet
274Kb / 2P
   2 CH Audio, Support 8ohm/2W Speaker
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com