Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6720MFX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6720MFX
Description  Wideband Video Op Amp; Single, Single with Shutdown and Quad
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6720MFX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6720MFX Datasheet HTML 5Page - National Semiconductor (TI) LMH6720MFX Datasheet HTML 6Page - National Semiconductor (TI) LMH6720MFX Datasheet HTML 7Page - National Semiconductor (TI) LMH6720MFX Datasheet HTML 8Page - National Semiconductor (TI) LMH6720MFX Datasheet HTML 9Page - National Semiconductor (TI) LMH6720MFX Datasheet HTML 10Page - National Semiconductor (TI) LMH6720MFX Datasheet HTML 11Page - National Semiconductor (TI) LMH6720MFX Datasheet HTML 12Page - National Semiconductor (TI) LMH6720MFX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Section
FEEDBACK RESISTOR SELECTION
One of the key benefits of a current feedback operational
amplifier is the ability to maintain optimum frequency re-
sponse independent of gain by using appropriate values for
the feedback resistor (R
F). The Electrical Characteristics and
Typical Performance plots specify an R
F of 300
Ω, a gain of
+2V/V and ±5V power supplies (unless otherwise specified).
Generally, lowering R
F from it’s recommended value will
peak the frequency response and extend the bandwidth
while increasing the value of R
F will cause the frequency
response to roll off faster. Reducing the value of R
F too far
below it’s recommended value will cause overshoot, ringing
and, eventually, oscillation.
The plot labeled "Frequency Response vs. R
F" shows the
LMH6714/6720/6722’s frequency response as R
F is varied
(R
L = 100
Ω,A
V = +2). This plot shows that an RF of 147
results in peaking. An R
F of 300
Ω gives near maximal band-
width and gain flatness with good stability. An R
F of 400
gives excellent stability with only a small bandwidth penalty.
Since all applications are slightly different it is worth some
experimentation to find the optimal R
F for a given circuit.
Note that it is not possible to use a current feedback amplifier
with the output shorted directly to the inverting input. The
buffer configuration of the LMH6714/6720/6722 requires a
600
Ω feedback resistor for stable operation.
For more information see Application Note OA-13 which
describes the relationship between R
F and closed-loop fre-
quency response for current feedback operational amplifiers.
The value for the inverting input impedance for the
LMH6714/6720/6722 is approximately 180
Ω. The LMH6714/
6720/6722 is designed for optimum performance at gains of
+1 to +6 V/V and −1 to −5V/V. When using gains of ±7V/V or
more the low values of R
G required will make inverting input
impedances very low.
When configuring the LMH6714/6720/6722 for gains other
than +2V/V, it is usually necessary to adjust the value of the
feedback resistor. The two plots labeled “R
F
vs. Non-
inverting Gain” and “R
F vs. Inverting Gain” provide recom-
mended feedback resistor values for a number of gain se-
lections.
In the “R
F vs. Non-Inverting Gain” and the “RF vs. Inverting
Gain” charts the recommended value of R
F is depicted by
the solid line, which starts high, decreases to 200
Ω and
begins increasing again. The reason that a higher R
F is
required at higher gains is the need to keep R
G from de-
creasing too far below the output impedance of the input
buffer. For the LMH6714/6720/6722 the output resistance of
the input buffer is approximately 180
Ω and 50Ω is a practical
lower limit for R
G. Due to the limitations on RG the LMH6714/
6720/6722 begins to operate in a gain bandwidth limited
fashion for gains of ±5V/V or greater.
ACTIVE FILTERS
When using any current feedback Operational Amplifier as
an active filter it is important to be very careful when using
reactive components in the feedback loop. Anything that
reduces the impedance of the negative feedback, especially
at higher frequencies, will almost certainly cause stability
problems. Likewise capacitance on the inverting input needs
20056512
FIGURE 1. Frequency Response vs. R
F
20056515
FIGURE 2. R
F vs. Non-Inverting Gain
20056514
FIGURE 3. R
F vs. Inverting Gain
www.national.com
9


Similar Part No. - LMH6720MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6720MFX TI1-LMH6720MFX Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6720MFX TI-LMH6720MFX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6720MFX/NOPB TI1-LMH6720MFX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6720MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6720MA TI-LMH6720MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com