Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNK-3043-TI27 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNK-3043-TI27
Description  Wireless USB Optical Mouse Designer?셲 Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNK-3043-TI27 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNK-3043-TI27 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Appendix B: Bill of Materials for Components Shown on schematic (Main Board and RF Board)
Part Type
Qty
Value
Designators
Optical Sensor Device
1
U101
Optical Sensor LED
1
D102
Optical Sensor Lens
1
Not shown on schematic
Optical Sensor Clip
1
Not shown on schematic
Microcontroller
1
U102
DC/DC Converter
1
U103
Z LED
1
D103
Z Encoder
1
3 PIN
U104
Resistor (0805)
5
100 k
R101, R102, R103, R104, R105
Resistor (0805)
1
3.3M
R124
Resistor (0805)
1
240
R125
Resistor (0805)
2
27K
R107, R108
Resistor (0805)
1
1.1 M
R109
Resistor (0805)
1
1.0 M
R110
Resistor (0805)
1
10
R111
Resistor (0805)
1
0
R106
Resistor (0805)
1
No Load
R122
Ceremic capacitor (0603)
4
.01UF 50V
C101, C106, C108, C110
Ceremic capacitor (0603)
2
.1UF 25V
C102, C112
Tantalum capacitor
3
1 uF 50V
C105, C107, C109
Tantalum capacitor
2
10uF 25V
C103, C104
NPN T RANSISTOR
1
MMBT3906LT1
Q101
Switch
3
SPDT
SW101, SW102, SW103
Switch, light touch
1
6mmx6mmx4.3mm
SW104
Inductor
1
10 uH
L101
Crystal
1
32.768 kHz
XTAL101
Header, pins 2mm
2
2x5
J101
Header, socket, 2mm
2
2 x 7
J105
Battery Spring, common
1
2X7
T101
Battery spring +
1
T102
Battery spring -
1
T103


Similar Part No. - ADNK-3043-TI27

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
More results

Similar Description - ADNK-3043-TI27

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 AVAGO-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com