Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-ED80-PS000 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-ED80-PS000
Description  Wireless USB Optical Mouse Designer?셲 Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED80-PS000 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-ED80-PS000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-PS000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Figure 3. Optics Quadrature Signal Generation
Z Wheel
The motion of Z-wheel is detected using the quadrature
signal generated by optical sensors. Two phototransistors
are connected in a source-follower configuration forming
Channel A and Channel B . An infrared LED shines, causing
the phototransistors to turn on. In between the phototran-
sistors and the LED is a pinwheel that rotates. The spokes
of this pinwheel is mechanically designed to interrupt the
infrared light such that the phototransistors are turned on
and off in a quadrature output pattern. Every change in
the phototransistor outputs represents a count of Z-wheel
movement. Comparing the last state of the optics to the
current state derives directional information. As shown
in Figure 3 below, rotating the wheel forward produces
a unique set of state transitions, and rotating the wheel
backward produces another set of unique state transi-
tions.
Hardware Implementation
Optical Mouse Sensor
This reference design features the ADNS-3040 optical
navigation engine. It contains an Image Acquisition System
(IAS), a Digital Signal Processor (DSP), and a four-wire Serial
Peripheral Interface consists of the serial clock (SCLK), the
master-in/slave-out (MISO) and the master-out/slave-in
(MOSI). In addition a fourth signal chip select (NCS) is used
to select the device on the SPI buss. Motion, is an addi-
tional output from the ADNS-3040 intended to act as an
interrupt to the microcontroller whenever the ADNS-3040
senses motion. When the mouse is moved the ADNS-3040
alerts the system controller by activating the Motion signal
triggering an interrupt service routine. At the same time
the ADNS-3040 accumulates the horizontal and vertical
displacements (count per inch, or cpi) in its Delta_X and
Delta_Y registers respectively. The ADNS-3040 deactivates
the Motion signal as soon as movement stops. The Smart-
Speed technology automatically optimizes the frame rate
by examining the acquired images of the surface. It also
manages the integrated LED driver to coordinate with the
shutter.
The system controller reads the motion information and
reports it to the PC to update the cursor position.
The advantages of using ADNS-3040 optical sensor are the
efficient power management, high tracking accuracy, and
simple communications with the microcontroller via the
full duplex SPI port.
Tolearnmoreaboutsensor’stechnicalinformation,pleasevisitthe
Avagowebsiteathttp://www.avagotech.com
Mouse Buttons
Mouse buttons are connected as standard switches. These
switches are pulled up by the pull up resistors inside the
microcontroller. When the user presses a button, the switch
will be closed and the pin will be pulled LOW to GND. A
LOW state at the pin is interpreted as the button being
pressed. A HIGH state is interpreted as the button has been
released or the button is not being pressed. Normally the
switches are debounced in firmware for 15-20ms. In this
reference design there are three switches: left, Z-wheel,
and right.


Similar Part No. - HLMP-ED80-PS000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-ED80-PS000 BOARDCOM-HLMP-ED80-PS000 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
More results

Similar Description - HLMP-ED80-PS000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 AVAGO-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com