Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM111N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LM111N
Description  Voltage comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM111N Datasheet(HTML) 5 Page - NXP Semiconductors

  LM111N Datasheet HTML 1Page - NXP Semiconductors LM111N Datasheet HTML 2Page - NXP Semiconductors LM111N Datasheet HTML 3Page - NXP Semiconductors LM111N Datasheet HTML 4Page - NXP Semiconductors LM111N Datasheet HTML 5Page - NXP Semiconductors LM111N Datasheet HTML 6Page - NXP Semiconductors LM111N Datasheet HTML 7Page - NXP Semiconductors LM111N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
AU211/LM111/211/311/311B
Voltage comparator
2003 Sep 30
5
TYPICAL APPLICATIONS
INPUT
R1
3 k
BAL
R2
3 k
V+ = 5 V
TO
MOS
LOGIC
R3
10 k
V– = 10V
5
6
8
7
1
4
3
2
INPUT
+
LM311
+
LM311
V+ 5 V
R3
2 k
TTL
OUTPUT
8
7
3
2
4
1
R1
4.5 k
R2
1 k
MAGNETIC
PICKUP
+
LM311
V+ = 5 V
TO TTL
OUTPUT
2
3
8
7
1
4
R4
82 k
R2
47 k
C1
R1
240 k
R3
82 k
R5
1 k
Zero Detector
Driving MOS Logic
Detector for Magnetic
Transducer
TTL Interface with
High Level Logic
* Values shown are for a 0 to 30 V logic swing and a 15 V threshold.
** May be added to control speed and reduce susceptibility to noise spikes.
SL00064
Figure 3. Typical Applications


Similar Part No. - LM111N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM111N PHILIPS-LM111N Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
More results

Similar Description - LM111N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com