Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5100 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5100
Description  Optical Mouse Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5100 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADNK-5030
Optical Mouse Sensor
Sample Kit
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved. Obsoletes 5989-4615EN
AV02-1531EN - September 12, 2008
Sensor
The sensor technical information is contained in the
ADNS-5030 Data Sheet.
Lens
The lens information is contained in the ADNS-5100 Data
Sheet.
LED Assembly Clip
The assembly information is contained in the ADNS-5200
Data Sheet.
LED
Information on the LED is contained in the HLMP-ED80-
XX000 Data Sheet.
3D Model IGES Files
The IGES file provides recommended base plate molding
features to ensure optical alignment.
CD
The above technical information for the sensor, clip, lens
and 3D Model IGES Files is contained within this media.
Kit Components
Part Number
Description
Name
Quantity
ADNS-5030
Optical Mouse Sensor
Sensor
5
ADNS-5100
Lens Plate (Round Lens)
Lens
5
ADNS-5100-001
Lens Plate (Trim Lens)
Lens
5
ADNS-5200
LED Assembly Clip (Black Clip)
LED Clip
5
HLMP-ED80-XX000
639 nm T 1 ¾ (5 mm) Diameter LED
LED
5
CD
a. ADNS-5030 Data Sheet
b. ADNS-5100 Data Sheet
c. ADNS-5200 Data Sheet
d. HLMP-ED80-XX000 LED Data Sheet
e. 3D Model IGES Files
-
1


Similar Part No. - ADNS-5100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5100 AVAGO-ADNS-5100 Datasheet
228Kb / 4P
   Solid-State Optical Mouse Lens
ADNS-5100 AVAGO-ADNS-5100 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
ADNS-5100 AVAGO-ADNS-5100 Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNS-5100 AVAGO-ADNS-5100 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNS-5100 BOARDCOM-ADNS-5100 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
More results

Similar Description - ADNS-5100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com