Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SQM120N03-1m5L Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SQM120N03-1m5L
Description  Automotive N-Channel 100 V (D-S) 175 째C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM120N03-1m5L Datasheet(HTML) 2 Page - Vishay Siliconix

  SQM120N03-1m5L Datasheet HTML 1Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 2Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 3Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 4Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 5Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 6Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 7Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 8Page - Vishay Siliconix SQM120N03-1m5L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQM70060EL
www.vishay.com
Vishay Siliconix
S16-0653-Rev. A, 18-Apr-16
2
Document Number: 67764
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
100
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 100 V
-
-
1
μA
VGS = 0 V
VDS = 100 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 100 V, TJ = 175 °C
-
-
500
On-State Drain Current a
ID(on)
VGS = 10 V
VDS  5 V
50
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 30 A
-
0.0046
0.0059
VGS = 10 V
ID = 30 A, TJ = 125 °C
-
-
0.0099
VGS = 10 V
ID = 30 A, TJ = 175 °C
-
-
0.0123
VGS = 4.5 V
ID = 20 A
-
0.0056
0.0080
Forward Transconductance b
gfs
VDS = 15 V, ID = 25 A
-
95
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
4170
5500
pF
Output Capacitance
Coss
-
1935
2600
Reverse Transfer Capacitance
Crss
-
160
220
Total Gate Charge c
Qg
VGS = 10 V
VDS = 50 V, ID = 50 A
-66
100
nC
Gate-Source Charge c
Qgs
-14
-
Gate-Drain Charge c
Qgd
-12
-
Gate Resistance
Rg
f = 1 MHz
0.90
1.92
3
Turn-On Delay Time c
td(on)
VDD = 50 V, RL = 1.08 
ID  50 A, VGEN = 10 V, Rg = 1 
-13
25
ns
Rise Time c
tr
-21
35
Turn-Off Delay Time c
td(off)
-34
60
Fall Time c
tf
-13
25
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
180
A
Forward Voltage
VSD
IF = 50 A, VGS = 0
-
0.90
1.5
V


Similar Part No. - SQM120N03-1m5L

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
SQM120N03-1m5L VISHAY-SQM120N03-1m5L Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 째C MOSFET
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
163Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
162Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQM120N03-1m5L

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
SQJQ112ER VISHAY-SQJQ112ER Datasheet
169Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
SQSA12CENW VISHAY-SQSA12CENW Datasheet
268Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
SQP120N10-3M8 VISHAY-SQP120N10-3M8 Datasheet
140Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V01 Datasheet
166Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ402EP VISHAY-SQJ402EP_V01 Datasheet
197Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ488EP VISHAY-SQJ488EP_V01 Datasheet
242Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQR40N10-25 VISHAY-SQR40N10-25_V01 Datasheet
209Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com