Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT11-H Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BRT11-H
Description  Optocoupler, Phototriac Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT11-H Datasheet(HTML) 6 Page - Vishay Siliconix

  BRT11-H Datasheet HTML 1Page - Vishay Siliconix BRT11-H Datasheet HTML 2Page - Vishay Siliconix BRT11-H Datasheet HTML 3Page - Vishay Siliconix BRT11-H Datasheet HTML 4Page - Vishay Siliconix BRT11-H Datasheet HTML 5Page - Vishay Siliconix BRT11-H Datasheet HTML 6Page - Vishay Siliconix BRT11-H Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number 83689
Rev. 1.4, 26-Apr-04
VISHAY
BRT11/ 12/ 13
Vishay Semiconductors
min.
.315 (8.00)
.020 (.51)
.040 (1.02)
.300 (7.62)
ref.
.375 (9.53)
.395 (10.03)
.012 (.30) typ.
.0040 (.102)
.0098 (.249)
15° max.
Option 9
.014 (0.35)
.010 (0.25)
.400 (10.16)
.430 (10.92)
.307 (7.8)
.291 (7.4)
.407 (10.36)
.391 (9.96)
Option 6
.315 (8.0)
MIN.
.300 (7.62)
TYP.
.180 (4.6)
.160 (4.1)
.331 (8.4)
MIN.
.406 (10.3)
MAX.
.028 (0.7)
MIN.
Option 7
18450


Similar Part No. - BRT11-H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT11-H VISHAY-BRT11-H Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
More results

Similar Description - BRT11-H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com