Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT11-M Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BRT11-M
Description  Optocoupler, Phototriac Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT11-M Datasheet(HTML) 4 Page - Vishay Siliconix

  BRT11-M Datasheet HTML 1Page - Vishay Siliconix BRT11-M Datasheet HTML 2Page - Vishay Siliconix BRT11-M Datasheet HTML 3Page - Vishay Siliconix BRT11-M Datasheet HTML 4Page - Vishay Siliconix BRT11-M Datasheet HTML 5Page - Vishay Siliconix BRT11-M Datasheet HTML 6Page - Vishay Siliconix BRT11-M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83689
Rev. 1.4, 26-Apr-04
VISHAY
BRT11/ 12/ 13
Vishay Semiconductors
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Fig. 1 Typical Trigger Delay Time
Fig. 2 Power Dissipation 40 to 60 Hz Line Operation
Fig. 3 Typical Off-State Current
17239
tgd=f(IF/IFT25°C)
VD=200V
17240
Ptot= (ITRMS)
17241
ID=f(Tj)
VD=800V
Fig. 4 Pulse Trigger Current
Fig. 5 Typical Input Characteristics
Fig. 6 Typical Output Characteristics
17242
IFTN=f(tpIF)
IFTN normalized to IFT refering
to tpIF
≥ 1m
Vop=220V,f= 4 0 ...60Hz typ.
17243
IF = ƒ(VF)
17244
IT = ƒ(VT)


Similar Part No. - BRT11-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT11-M VISHAY-BRT11-M Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
More results

Similar Description - BRT11-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com