Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-0542Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-0542Z
Description  DC to 5MBd 850nm VCSEL Evaluation Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-0542Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-0542Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-0542Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HFBR-0542Z Evaluation Kit
DC to 5MBd 850nm VCSEL Evaluation Kit
User Guide
Introduction
HFBR-0542Z evaluation kit is used to evaluate Avago fiber optic device HFBR-1712TZ and HFBR-2412TZ. The evaluation
kit is equipped with necessary documents and accessories to ease product evaluation and verification.
Evaluation Kit
HFBR-0542Z contains:
1. Evaluation board
2. HFBR-1712TZ and HFBR-2412TZ unit
3. HFBR-1412Z/2412Z datasheet
4. HFBR-1712TZ datasheet
5. User guide document
Evaluation Board
The basic evaluation board that you receive from Avago incorporates transmitter driver IC SN75451BD, some passive
components, and SMA connectors for the TX input (TXD) and RX output (RXD) port connection. This basic evaluation
board allows you to connect waveform/pattern generator to the TXD with TTL input signal. Receiver’s output signal can
be monitored from the RXD or RXout with oscilloscope by using high impedance setting.
Initial Setup
1. Connect 5V supply voltage to TXVCC and RXVCC
2. Connect 0V to TXGND and RXGND
3. Connect TXD to pattern generator output
4. Connect RXout to Oscilloscope with high impedance probe
Bit Error Rate Test Setup
Though the transmitter driver IC’s input and receiver’s output is based on TTL logic (high impedance), the board can be
modified to connect 50ohm load instrument by doing the following steps:
1. Put R2 (50 ohm resistor).
2. Remove R3 (0 ohm resistor).
3. Put R4 (0 ohm resistor) and R7 (50 ohm resistor).
4. Put U3 (SN74LVC2G125).
5. Connect BVCC (5V) and BGND (0V).


Similar Part No. - HFBR-0542Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0540Z AVAGO-HFBR-0540Z Datasheet
118Kb / 2P
   Connect 5 V supply voltage to TXVCC and RXVCC
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541Z AVAGO-HFBR-0541Z Datasheet
181Kb / 2P
   HFBR-1506AMZ and HFBR-2506AMZ unit
HFBR-0543Z AVAGO-HFBR-0543Z Datasheet
167Kb / 2P
   HFBR-3810Z and HFBR-3810MSZ datasheet
More results

Similar Description - HFBR-0542Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0410Z AVAGO-HFBR-0410Z Datasheet
99Kb / 2P
   DC to 5MBd 820nm Miniature Link Fiber Optic Evaluation Kit
logo
Finisar Corporation.
HFE4080-321 FINISAR-HFE4080-321 Datasheet
226Kb / 6P
   1.25Gbps 850nm VCSEL, TO-46
HFE4091-341 FINISAR-HFE4091-341 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4093-342 FINISAR-HFE4093-342 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4094-542 FINISAR-HFE4094-542 Datasheet
114Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
logo
Maxim Integrated Produc...
MAX3286 MAXIM-MAX3286 Datasheet
362Kb / 11P
   MAX3296 Shortwave or VCSEL (Common Cathode) Evaluation Kit
Rev 6; 11/04
logo
Finisar Corporation.
V850-2106-001 FINISAR-V850-2106-001 Datasheet
206Kb / 6P
   10GBPS 850NM VCSEL ARRAYS
HFE4093-332 FINISAR-HFE4093-332 Datasheet
119Kb / 6P
   850nm Single Mode VCSEL TO-46 Package
logo
Maxim Integrated Produc...
MAX3805EVKIT MAXIM-MAX3805EVKIT Datasheet
173Kb / 5P
   DC-Coupled Evaluation Kit
Rev 0; 8/03
logo
Finisar Corporation.
HFE4190-441 FINISAR-HFE4190-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com