Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG.09.0113W Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # TG.09.0113W
Description  Rotatable hinge design for optimal reception
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG.09.0113W Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button TG.09.0113W Datasheet HTML 4Page - Taoglas antenna solutions TG.09.0113W Datasheet HTML 5Page - Taoglas antenna solutions TG.09.0113W Datasheet HTML 6Page - Taoglas antenna solutions TG.09.0113W Datasheet HTML 7Page - Taoglas antenna solutions TG.09.0113W Datasheet HTML 8Page - Taoglas antenna solutions TG.09.0113W Datasheet HTML 9Page - Taoglas antenna solutions TG.09.0113W Datasheet HTML 10Page - Taoglas antenna solutions TG.09.0113W Datasheet HTML 11Page - Taoglas antenna solutions TG.09.0113W Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
SPE-11-8-034/G/SS
Page 8 of 37
3.4
Efficiency
0
10
20
30
40
50
60
70
80
90
100
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900
Frequency [MHz]
Free Space Straight
Free Space Bend
150mm x 90mm Straight
150mm x 90mm Bend
0
10
20
30
40
50
60
70
80
90
100
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900
Frequency [MHz]
300mm x 300mm Center Straight
300mm x 300mm Center Bend
300mm x 300mm Edge Straight
300mm x 300mm Edge Bend


Similar Part No. - TG.09.0113W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG.09.0113W TAOGLAS-TG.09.0113W Datasheet
6Mb / 37P
   4G/3G/2G Cellular Hinged SMA Male Monopole
TG.09.0113W TAOGLAS-TG.09.0113W_18 Datasheet
6Mb / 37P
   4G/3G/2G Cellular Hinged SMA Male Monopole
More results

Similar Description - TG.09.0113W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG.09.0113 TAOGLAS-TG.09.0113 Datasheet
8Mb / 37P
   Rotatable hinge design for optimal reception
logo
STMicroelectronics
AN4427 STMICROELECTRONICS-AN4427 Datasheet
1Mb / 19P
   Gasket design for optimal acoustic performance
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
   Optimal Optical/Mechanical Design
logo
Omron Electronics LLC
W2RG012RN OMRON-W2RG012RN Datasheet
239Kb / 21P
   Optimal IC for LED Control
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
   Optimal cooling performance.
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
List of Unclassifed Man...
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
   Optimal cooling performance
logo
Zilog, Inc.
ZGP323H ZILOG-ZGP323H Datasheet
1Mb / 107P
   Programmable input glitch filter for pulse reception
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com