Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT13-H-X009 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BRT13-H-X009
Description  Optocoupler, Phototriac Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT13-H-X009 Datasheet(HTML) 7 Page - Vishay Siliconix

  BRT13-H-X009 Datasheet HTML 1Page - Vishay Siliconix BRT13-H-X009 Datasheet HTML 2Page - Vishay Siliconix BRT13-H-X009 Datasheet HTML 3Page - Vishay Siliconix BRT13-H-X009 Datasheet HTML 4Page - Vishay Siliconix BRT13-H-X009 Datasheet HTML 5Page - Vishay Siliconix BRT13-H-X009 Datasheet HTML 6Page - Vishay Siliconix BRT13-H-X009 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
VISHAY
BRT11/ 12/ 13
Document Number 83689
Rev. 1.4, 26-Apr-04
Vishay Semiconductors
www.vishay.com
7
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the
use of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Similar Part No. - BRT13-H-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT13-H-X009 VISHAY-BRT13-H-X009 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
More results

Similar Description - BRT13-H-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com