Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG.35.8113 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # TG.35.8113
Description  Enhanced hinge structure for vibration environment
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG.35.8113 Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button TG.35.8113 Datasheet HTML 4Page - Taoglas antenna solutions TG.35.8113 Datasheet HTML 5Page - Taoglas antenna solutions TG.35.8113 Datasheet HTML 6Page - Taoglas antenna solutions TG.35.8113 Datasheet HTML 7Page - Taoglas antenna solutions TG.35.8113 Datasheet HTML 8Page - Taoglas antenna solutions TG.35.8113 Datasheet HTML 9Page - Taoglas antenna solutions TG.35.8113 Datasheet HTML 10Page - Taoglas antenna solutions TG.35.8113 Datasheet HTML 11Page - Taoglas antenna solutions TG.35.8113 Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
DSP-14-8-028/C/PK | page 8 of 69
3.3 Peak Gain
3.3 Peak Gain
10
9
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
600
6000
800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 4200 4400 4600 4800 5000 5200 5400 5600 5800
(MHz)
10
9
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
600
6000
800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 4200 4400 4600 4800 5000 5200 5400 5600 5800
(MHz)
TG.35 Straight with 30cmX30cm ground plane centre
TG.35 Bent 90
̊ with 30cmX30cm ground plane centre
TG.35 Straight with 30cmX30cm ground plane centre
TG.35 Bent 90
̊ with 30cmX30cm ground plane centre
TG.35 Straight in free space
TG.35 Bent 90 in free space
TG.35 Straight with 150mmX90mm ground plane edge
TG.35 Bent 90
̊ with 150mmX90mm ground plane edge


Similar Part No. - TG.35.8113

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG.35.8113 TAOGLAS-TG.35.8113 Datasheet
9Mb / 79P
   Apex II - Hinged TG.35
TG.35.8113W TAOGLAS-TG.35.8113W Datasheet
5Mb / 71P
   Dipole Swivel Terminal Antenna
TG.35.8113W TAOGLAS-TG.35.8113W Datasheet
5Mb / 79P
   Apex II ??White Hinged TG.35
TG.35.8113W TAOGLAS-TG.35.8113W_17 Datasheet
5Mb / 79P
   Apex II ??White Hinged TG.35
TG.35.8113 TAOGLAS-TG.35.8113_17 Datasheet
9Mb / 79P
   Apex II - Hinged TG.35
More results

Similar Description - TG.35.8113

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
   Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
   Suitable for high vibration applications
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
   Suitable for high vibration applications
logo
Amphenol Corporation
USBFTV22G AMPHENOL-USBFTV22G Datasheet
361Kb / 4P
   USB conectionSystem for Harsh Environment
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
   2004Ethernet ConnectionSystem for Harsh Environment
logo
OSA Opto Light GmbH
150234-1060 OSA-150234-1060 Datasheet
43Kb / 2P
   Structure
logo
Amphenol Corporation
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com