Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT13 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BRT13
Description  Optocoupler, Phototriac Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT13 Datasheet(HTML) 3 Page - Vishay Siliconix

  BRT13 Datasheet HTML 1Page - Vishay Siliconix BRT13 Datasheet HTML 2Page - Vishay Siliconix BRT13 Datasheet HTML 3Page - Vishay Siliconix BRT13 Datasheet HTML 4Page - Vishay Siliconix BRT13 Datasheet HTML 5Page - Vishay Siliconix BRT13 Datasheet HTML 6Page - Vishay Siliconix BRT13 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VISHAY
BRT11/ 12/ 13
Document Number 83689
Rev. 1.4, 26-Apr-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
2) Static air, SITAC soldered in pcb or base plate.
Output
2) Static air, SITAC soldered in pcb or base plate.
Coupler
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.1
1.35
V
Reverse current
VR = 6 V
IR
10
µA
Thermal resistance 2) junction - ambient
Rthja
750
°C/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Critical rate of rise of off-state
voltage
VD = 0.67 VDRM, TJ = 25 °C
dV/dtcr
10
kV/
µs
VD = 0.67 VDRM, TJ = 80 °C
dV/dtcr
5kV/
µs
Critical rate of rise of voltage at
current commutation
VD = 0.67 VDRM, TJ = 25 °C,
dI/dtcrq ≤ 15 A/ms
dV/dtcrq
10
kV/
µs
VD = 0.67 VDRM, TJ = 80 °C,
dI/dtcrq ≤ 15 A/ms
dV/dtcrq
5kV/
µs
Critical rate of rise of on-state
current
dI/dtcr
8A/
µs
Pulse current
tp ≤ 5 µs, f 0 100 Hz,
dItp/dt ≤ 8 A/µs
Itp
2A
On-state voltage
IT = 300 mA
VT
2.3
V
Off-state current
TC = 80 °C, VDRM
ID
0.5
100
µA
Holding current
VD = 10 V
IH
80
500
µA
Thermal resistance 2) junction -
ambient
RthJA
Rthja
125
°C/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Trigger current
VD = 10 V, H - Versions
IFT
0.4
2
mA
VD = 10 V, M - Versions
IFT
0.8
3
mA
Trigger current temperature
gradient
∆IFT/∆Tj
714
µA/°C
Capacitance (input-output)
VR = 0 V, f = 1 kHz
CIO
2pF


Similar Part No. - BRT13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT13 VISHAY-BRT13 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
BRT13-H VISHAY-BRT13-H Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT13-H-X006 VISHAY-BRT13-H-X006 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT13-H-X007 VISHAY-BRT13-H-X007 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT13-H-X009 VISHAY-BRT13-H-X009 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
More results

Similar Description - BRT13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com