Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC74M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC74M
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC74M Datasheet(HTML) 5 Page - Texas Instruments

  CD74AC74M Datasheet HTML 1Page - Texas Instruments CD74AC74M Datasheet HTML 2Page - Texas Instruments CD74AC74M Datasheet HTML 3Page - Texas Instruments CD74AC74M Datasheet HTML 4Page - Texas Instruments CD74AC74M Datasheet HTML 5Page - Texas Instruments CD74AC74M Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CD54AC74, CD74AC74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS231D – SEPTEMBER 1998 – REVISED DECEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 1.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
9
10
MHz
tPLH
CLK
QQ
125
114
ns
tPHL
CLK
Q or Q
125
114
ns
tPLH
PRE or CLR
QorQ
132
120
ns
tPHL
PRE or CLR
Q or Q
144
131
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
79
90
MHz
tPLH
CLK
QQ
3.5
14
3.6
12.7
ns
tPHL
CLK
Q or Q
3.5
14
3.6
12.7
ns
tPLH
PRE or CLR
QorQ
3.7
14.7
3.8
13.4
ns
tPHL
PRE or CLR
Q or Q
4
16.1
4.1
14.6
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
110
125
MHz
tPLH
CLK
QQ
2.5
10
2.6
9.1
ns
tPHL
CLK
Q or Q
2.5
10
2.6
9.1
ns
tPLH
PRE or CLR
QorQ
2.6
10.5
2.7
9.5
ns
tPHL
PRE or CLR
Q or Q
2.9
11.5
3
10.4
ns
operating characteristics, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
55
pF


Similar Part No. - CD74AC74M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC74M TI-CD74AC74M Datasheet
36Kb / 8P
[Old version datasheet]   Dual D-Type Flip-Flop with Set and Reset Positive-Edge-Triggered
CD74AC74M TI1-CD74AC74M Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD74AC74M TI1-CD74AC74M Datasheet
681Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC74M96 TI1-CD74AC74M96 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD74AC74M96 TI1-CD74AC74M96 Datasheet
681Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - CD74AC74M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
   Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN54ACT74 TI-SN54ACT74 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
   Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com