Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT4052ADR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74HCT4052ADR2G
Description  Analog Multiplexers / Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4052ADR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74HCT4052ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 9Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 10Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 11Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
8
Figure 9. Maximum Off Channel Leakage Current,
Any One Channel, Test Set−Up
Figure 10. Maximum Off Channel Leakage Current,
Common Channel, Test Set−Up
Figure 11. Maximum On Channel Leakage Current,
Channel to Channel, Test Set−Up
Figure 12. Maximum On Channel Bandwidth,
Test Set−Up
Figure 13. Off Channel Feedthrough Isolation,
Test Set−Up
Figure 14. Feedthrough Noise, Channel Select to
Common Out, Test Set−Up
OFF
OFF
6
7
8
16
COMMON O/I
VCC
VEE
VIH
NC
A
VCC
VEE
VCC
OFF
OFF
6
7
8
16
COMMON O/I
VCC
VEE
VIH
ANALOG I/O
VCC
VEE
VCC
ON
OFF
6
7
8
16
COMMON O/I
VCC
VEE
VIL
VCC
VEE
VCC
N/C
A
ANALOG I/O
ON
6
7
8
16
VCC
VEE
0.1
mF
CL*
fin
RL
dB
METER
*Includes all probe and jig capacitance
OFF
6
7
8
16
VCC
VEE
0.1
mF
CL*
fin
RL
dB
METER
*Includes all probe and jig capacitance
VOS
VOS
RL
VIS
VIL or VIH
CHANNEL SELECT
ON/OFF
6
7
8
16
VCC
VEE
CL*
RL
*Includes all probe and jig capacitance
CHANNEL SELECT
TEST
POINT
COMMON O/I
11
VCC
OFF/ON
ANALOG I/O
RL
RL
3.0 V
GND
Vin ≤ 1 MHz
tr = tf = 6 ns


Similar Part No. - MC74HCT4052ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4052ADR2G ONSEMI-MC74HCT4052ADR2G Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Similar Description - MC74HCT4052ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com