Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHCT573A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHCT573A
Description  Octal D-Type Latch with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT573A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHCT573A Datasheet HTML 1Page - ON Semiconductor MC74VHCT573A Datasheet HTML 2Page - ON Semiconductor MC74VHCT573A Datasheet HTML 3Page - ON Semiconductor MC74VHCT573A Datasheet HTML 4Page - ON Semiconductor MC74VHCT573A Datasheet HTML 5Page - ON Semiconductor MC74VHCT573A Datasheet HTML 6Page - ON Semiconductor MC74VHCT573A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 5
1
Publication Order Number:
MC74VHCT573A/D
MC74VHCT573A
Octal D-Type Latch
with 3-State Output
The MC74VHCT573A is an advanced high speed CMOS octal latch
with 3−state output fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar Schottky
TTL while maintaining CMOS low power dissipation.
This 8−bit D−type latch is controlled by a latch enable input and an
output enable input. When the output enable input is high, the eight
outputs are in a high impedance state.
The VHCT inputs are compatible with TTL levels. This device can
be used as a level converter for interfacing 3.3 V to 5.0 V, because it
has full 5.0 V CMOS level output swings.
The VHCT573A input and output (when disabled) structures
provide protection when voltages between 0 V and 5.5 V are applied,
regardless of the supply voltage. These input and output structures
help prevent device destruction caused by supply
voltage−input/output voltage mismatch, battery backup, hot insertion,
etc.
Features
High Speed: tPD = 7.7 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 4 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Designed for 4.5 V to 5.5 V Operating Range
Low Noise: VOLP = 1.6 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
Chip Complexity: 234 FETs or 58.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
20
1
TSSOP−20
SUFFIX DT
CASE 948E
SOIC−20WB
SUFFIX DW
CASE 751D
VHCT
573A
ALYWG
G
1
1
20
1
VHCT573A
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
OE
LE
Q
L
L
L
H
H
H
L
X
H
L
No Change
Z
INPUTS
OUTPUT
FUNCTION TABLE
D
H
L
X
X


Similar Part No. - MC74VHCT573A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573ADT ONSEMI-MC74VHCT573ADT Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
MC74VHCT573ADT ONSEMI-MC74VHCT573ADT Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT573ADTG ONSEMI-MC74VHCT573ADTG Datasheet
98Kb / 7P
   Octal D?뭈ype Latch with 3?뭆tate Output
January, 2006 ??Rev. 4
More results

Similar Description - MC74VHCT573A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com