Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1029JIP55 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS62LV1029JIP55
Description  Very Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1029JIP55 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS62LV1029JIP55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1029JIP55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1029JIP55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1029JIP55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1029JIP55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1029JIP55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1029JIP55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1029JIP55 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV1029JIP55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
R0201-BS62LV1029
Revision 1.1
Jan.
2004
6
BSI
BS62LV1029
WRITE CYCLE1 (1)
t WR1
t WC
(3)
t CW
(11)
(11)
t CW
(2)
t WP
t AW
t OHZ
(4,10)
t AS
t WR2
(3)
t DH
t DW
D
IN
D
OUT
WE
CE2
CE1
OE
ADDRESS
(5)
(5)
AC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
WRITE CYCLE
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
UNIT
tAVAX
t
WC
Write Cycle Time
55
--
--
70
--
--
ns
tE1LWH
t
CW
Chip Select to End of Write
55
--
--
70
--
--
ns
tAVWL
t
AS
Address Set up Time
0
--
--
0
--
--
ns
tAVWH
t
AW
Address Valid to End of Write
55
--
--
70
--
--
ns
t
WLWH
t
WP
Write Pulse Width
35
--
--
50
--
--
ns
t
WHAX
t
WR1
Write Recovery Time
(CE1 , WE)
0
--
--
0
--
--
ns
t
E2LAX
t
WR2
Write Recovery Time
(CE2)
0
--
--
0
--
--
ns
t
WLOZ
t WHZ
Write to Output in High Z
--
--
25
--
--
30
ns
t
DVWH
t DW
Data to Write Time Overlap
25
--
--
30
--
--
ns
t
WHDX
t DH
Data Hold from Write Time
0
--
--
0
--
--
ns
t
GHOZ
t OHZ
Output Disable to Output in High Z
--
--
25
--
--
30
ns
tWHQX
t OW
End of Write to Output Active
5
--
--
5
--
--
ns
CYCLE TIME : 55ns
MIN. TYP. MAX.
MIN. TYP. MAX.
(Vcc = 4.5~5.5V)
(Vcc = 4.5~5.5V)
SWITCHING WAVEFORMS (WRITE CYCLE)
CYCLE TIME : 70ns


Similar Part No. - BS62LV1029JIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DC BSI-BS62LV1023DC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DI BSI-BS62LV1023DI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JC BSI-BS62LV1023JC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JI BSI-BS62LV1023JI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1029JIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com