Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3020NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T3020NL
Description  T3/DS3/E3/STS-1 TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T3020NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T3020NL Datasheet HTML 1Page - Pulse A Technitrol Company T3020NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T655.D (04/12)
1
pulseelectronics.com
T3/DS3/E3/STS-1 TRANSFORMERS
Dual SMT, Extended Temperature Range
RoHS peak reflow temperature rating: 245�C
Dual SMT package contains both transmit and
receive transformers
Operating temperature of -40�C to +85�C
Models matched to leading transceiver ICs
Return loss meets requirements of G.703
1500 Vrms isolation per UL1459 and UL195 0
BH
Mechanical
Schematics
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +85°C
RoHS-6
Compliant
Part
Number
Isolation
Voltage
(Vrms MIN)
Package/
Schematic
Primary Pins
TX
RX
TX
RX
TX
RX
TX
RX
TX
RX
T3020NL
1:2CT
1:1
40
100
.120
.120
10
10
1500
BH/1
16-14
6-8
T3023NL
1:1
1:1
40
40
.110
.110
10
10
1500
BH/1
1-2
7-8
Weight ......................1.0 grams
Tape & Reel ................600/reel
Tray ..............................40/tray
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
OCL Primary
@ 25�C
(
±2%)
Turns Ratio
(
±2%)
L
(
μH MAX)
ww
(pF MAX)
2
L
C


Similar Part No. - T3020NL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T3020 ETC-T3020 Datasheet
843Kb / 2P
   PRECISION THIN FILM CHIP RESISTROS
logo
Pulse A Technitrol Comp...
T3020 PULSE-T3020 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
Cooper Bussmann, Inc.
T30200-1C COOPER-T30200-1C Datasheet
503Kb / 4P
   Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T30200-1C EATON-T30200-1C Datasheet
805Kb / 4P
   Class T 300V open fuse blocks
logo
Cooper Bussmann, Inc.
T30200-3C COOPER-T30200-3C Datasheet
503Kb / 4P
   Class T 300V open fuse blocks
More results

Similar Description - T3020NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2B XFMRS-XF04061-2B Datasheet
61Kb / 2P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF04061-2S XFMRS-XF04061-2S Datasheet
69Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com