Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1668 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1668
Description  ELECTRONIC DIGITAL RHEOSTAT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1668 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1668 Datasheet HTML 1Page - Dallas Semiconductor DS1668 Datasheet HTML 2Page - Dallas Semiconductor DS1668 Datasheet HTML 3Page - Dallas Semiconductor DS1668 Datasheet HTML 4Page - Dallas Semiconductor DS1668 Datasheet HTML 5Page - Dallas Semiconductor DS1668 Datasheet HTML 6Page - Dallas Semiconductor DS1668 Datasheet HTML 7Page - Dallas Semiconductor DS1668 Datasheet HTML 8Page - Dallas Semiconductor DS1668 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS1668, DS1669, DS1669S
081895 2/10
DESCRIPTION
The DS1668 and DS1669 Dallastats are digital rheo-
stats or potentiometers. These units provide 64 pos-
sible uniform tap points over the resistive range and are
available in standard versions of 10K, 50K, and 100K
ohms. The Dallastats can be controlled by either a
mechanical–type contact closure input or a digital
source input such as a CPU. Wiper position is main-
tained in the absence of power which is accomplished
through the use of a EEPROM memory cell array. The
EEPROM cell array is specified to accept greater than
80,000 writes.
The DS1668 and DS1669 differ in the type packages in
which they are offered. The DS1668 is only available in
a custom 6–pin package with a single integrated push-
button as shown in the package drawing. The single
integrated pushbutton provides the mechanical control
input of the wiper position. In addition, a digital source
input, D, allows the potentiometer to be controlled by a
microcontroller or processor. Other package pins
include the positive voltage input, +V, the negative volt-
age input, –V, the resistor wiper terminal, RW, and the
high resistor terminal, RH. The DS1668 is rated for com-
mercial temperature usage only (0
°C to 70°C).
The DS1669 is offered in two standard IC packages
which include an 8–pin 300 mil DIP and an 8–pin 200 mil
SOIC. Like the DS1668, the DS1669 can be configured
to operate using a single pushbutton or digital source
input. This is illustrated in Figure 1. Additionally, the
DS1669 can be configured to operate in a dual pushbut-
ton configuration which is shown in Figure 2. The
DS1669 pinouts allow access to both ends of the poten-
tiometer RL, RH, and the wiper, RW. Control inputs
include the digital source input, D, the up contact input,
UC, and the down contact input, DC. Other package
pinouts include the positive,+V, and negative, –V , sup-
ply inputs. The DS1669 is available in commercial or
industrial temperature versions.
OPERATION
The DS1668/DS1669 Dallastats are controlled through
a contact closure input or by a digital source input. The
DS1668 is configured to operate from a single contact
closure (pushbutton) input which is integrated in the
custom 6–pin package or the device can be driven from
the digital source input (D). The DS1669 can be con-
trolled using a single pushbutton input, dual pushbutton,
or using the digital source input.
Figure 3 illustrates the single pushbutton configuration
of the DS1668. Internally, the low end resistor terminal
is connected to the negative supply input terminal. The
integrated pushbutton has one side connected to the
negative supply input while the other side is connected
to the up contact terminal (UC). The digital source input
(D) is accessible through pin 4 of the package. The (D)
input has an internal pull–up resistor and can be allowed
to float when not in use. The down contact input (DC) is
not accessible externally. However, this control input is
internally connected to the positive input supply.
When powered, the DS1668 assumes a single pushbut-
ton mode of operation. Pressure applied to the inte-
grated pushbutton will cause contact closure which in
turn will move the wiper position upward or downward
depending on the previous wiper direction. Single push-
button mode is accomplished in the same manner for
the DS1669. However, for the DS1669, all connections
must be made by the user since no internal connections
exist (see Figure 1). Note that single pushbutton control
is accomplished when 1) the (DC) input is connected to
the positive supply input and 2) the (D) input is allowed
to float. These two conditions must exist from the time of
device power–up. The UC input controls both upward
and downward movement of the device wiper position in
single pushbutton mode of operation.
Dual pushbutton operation is only available when using
the DS1669. The DS1668, by design, only supports the
single pushbutton mode of operation and digital source
input control. Figure 2 provides a typical application
example of the dual pushbutton configuration for the
DS1669. In dual–pushbutton mode, the up–contact
input (UC) is used solely to provide upward movement
of the wiper position and the down–contact input (DC) is
used to provide downward movement of the wiper posi-
tion.
For dual pushbutton configuration, all control
inputs (UC, DC, and D) must remain open on device
power–up.
The digital source input, D, was designed for micropro-
cessor or controller applications.
This control input
manipulates the device in the same manner as the
single pushbutton configuration; controlling movement
of the wiper position in both upward and downward
directions. One added feature over the single pushbut-
ton configuration is the ability to increment or decrement
wiper position at a faster rate. Digital source input con-
trol is available regardless of the type of pushbutton
configuration.


Similar Part No. - DS1668

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS166 LUMILEDS-DS166 Datasheet
2Mb / 16P
   Unsurpassed light quality and CBCP due to small LES
logo
Dallas Semiconductor
DS1666 DALLAS-DS1666 Datasheet
49Kb / 7P
   Audio Digital Resistor
logo
Maxim Integrated Produc...
DS1666 MAXIM-DS1666 Datasheet
137Kb / 9P
   Audio Digital Resistor
102899
logo
Dallas Semiconductor
DS1666-010 DALLAS-DS1666-010 Datasheet
49Kb / 7P
   Audio Digital Resistor
logo
Maxim Integrated Produc...
DS1666-010 MAXIM-DS1666-010 Datasheet
137Kb / 9P
   Audio Digital Resistor
102899
More results

Similar Description - DS1668

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1669 DALLAS-DS1669 Datasheet
151Kb / 10P
   Dallastat Electronic Digital Rheostat
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
   Dallastat Electronic Digital Rheostat
011806
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
   3V DallastatTM Electronic Digital Rheostat
112099
logo
Dallas Semiconductor
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
   3V Dallastat Electronic Digital Rheostat
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com