Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1808Z-050 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1808Z-050
Description  Dual Log Digital Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1808Z-050 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1808Z-050 Datasheet HTML 3Page - Dallas Semiconductor DS1808Z-050 Datasheet HTML 4Page - Dallas Semiconductor DS1808Z-050 Datasheet HTML 5Page - Dallas Semiconductor DS1808Z-050 Datasheet HTML 6Page - Dallas Semiconductor DS1808Z-050 Datasheet HTML 7Page - Dallas Semiconductor DS1808Z-050 Datasheet HTML 8Page - Dallas Semiconductor DS1808Z-050 Datasheet HTML 9Page - Dallas Semiconductor DS1808Z-050 Datasheet HTML 10Page - Dallas Semiconductor DS1808Z-050 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS1808
7 of 17
READING THE DS1808
As shown in Figure 4, the DS1808 provides one read command operation. This operation allows the user
to read both potentiometers. To initiate a read operation, the R/W bit of the command/control byte is set
to 1. Communication to read the DS1808 begins with a start condition, which is issued by the master
device. The command/control byte from the master device will follow the start condition. Once the
command/control byte has been received by the DS1808, the part will respond with an acknowledge.
When the master has received the acknowledge from the DS1808, the master can then begin to receive
wiper data. The value of the wiper of potentiometer-0 will be the first returned from the DS1808. It will
then be followed by the value of potentiometer-1. Once the 8-bits of potentiometer-0 have been
transmitted, the master will need to issue an acknowledge, unless it is the only byte to be read, in which
case the master issues a ‘not acknowledge.’ If desired, the master may stop the communication transfer at
this point by issuing the stop condition. However, if the value of the remaining potentiometer is needed,
transfer can continue by clocking the 8 bits of the potentiometer-1 value, followed by a not acknowledge.
WRITING TO THE DS1808
A data flow diagram of the DS1808 is shown in Figure 5. The DS1808 has one write command that is
used to change the position of the wiper(s). All write operations begin with a START from the master,
followed by a command/control byte. The R/W bit should be written to 0b, which initiates a write
command. Once the command/control byte has been issued and the master receives the
ACKNOWLEDGE from the DS1808, potentiometer wiper data is transmitted to the DS1808 by the
master device.
Figure 2


Similar Part No. - DS1808Z-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1808 MAXIM-DS1808 Datasheet
11Kb / 1P
   Process: 1P, 1M, 5.0um, 30V NF & PF, UVNd, UVPd ,NESD,TEOS Spacer, Passivation w/Nov TEOS Oxide-Nitride
More results

Similar Description - DS1808Z-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
logo
ON Semiconductor
CAT5116LI ONSEMI-CAT5116LI Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
   Log Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
   Log Trimmer Potentiometer
102199
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com