Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1699S-050 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1699S-050
Description  ELECTRONIC DIGITAL RHEOSTAT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1699S-050 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1699S-050 Datasheet HTML 2Page - Dallas Semiconductor DS1699S-050 Datasheet HTML 3Page - Dallas Semiconductor DS1699S-050 Datasheet HTML 4Page - Dallas Semiconductor DS1699S-050 Datasheet HTML 5Page - Dallas Semiconductor DS1699S-050 Datasheet HTML 6Page - Dallas Semiconductor DS1699S-050 Datasheet HTML 7Page - Dallas Semiconductor DS1699S-050 Datasheet HTML 8Page - Dallas Semiconductor DS1699S-050 Datasheet HTML 9Page - Dallas Semiconductor DS1699S-050 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS1668, DS1669, DS1669S
081895 7/10
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to -V
-V –0.5V + 8.0V
Operating Temperature
0
°C to 70°C commercial; –40°C to +85°C industrial
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 15 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
+ Supply Voltage
+V
-V + 4.5
-V + 8.0
V
- Supply Voltage
-V
+V - 8.0
+V - 4.5
V
Rheostat Inputs
RH,RW,RL
-V - 0.5
+V + 0.5
V
Logic Input 1
VIH
+2.4
V
1, 2
Logic Input 0
VIL
+0.8
V
1, 2
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; -V to +V = 4.5V to 8.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
+, - Supply Current
ICC1
1
2
mA
3
Supply Current, Idle State
ICC2
65
µA
9
Wiper Resistance
RW
400
1000
Wiper Current
IW
1
mA
5
Rheostat Current
IH, IL
1
mA
5
Power–Up Time
tPU
10
µs
10
Input Leakage
ILI
–1
+1
µA
1
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; -V to+V = 4.5V to 8.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Digital Input Pulse Width
tDPW
1
DC
µs
1, 7, 8
Contact Pulse Width
tCPW
1
DC
ms
1, 7, 8
Repetitive Input Pulse High Time
tHPW
1
DC
ms
1, 7, 8
Continuous Input Pulse
tCCP
1
DC
s
1, 7, 8


Similar Part No. - DS1699S-050

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1691 NSC-DS1691 Datasheet
275Kb / 10P
   (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
logo
Dallas Semiconductor
DS1691 DALLAS-DS1691 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1691 DALLAS-DS1691 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1691 MAXIM-DS1691 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
logo
National Semiconductor ...
DS1691A NSC-DS1691A Datasheet
275Kb / 10P
   (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
More results

Similar Description - DS1699S-050

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1669 DALLAS-DS1669 Datasheet
151Kb / 10P
   Dallastat Electronic Digital Rheostat
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
   Dallastat Electronic Digital Rheostat
011806
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
   3V DallastatTM Electronic Digital Rheostat
112099
logo
Dallas Semiconductor
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
   3V Dallastat Electronic Digital Rheostat
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com