Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1029PIG70 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS62LV1029PIG70
Description  Very Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1029PIG70 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS62LV1029PIG70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1029PIG70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1029PIG70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1029PIG70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1029PIG70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1029PIG70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1029PIG70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1029PIG70 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV1029PIG70 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
R0201-BS62LV1029
Revision 1.1
Jan.
2004
8
ORDERING INFORMATION
BSI
PACKAGE DIMENSIONS
BS62LV1029
BASE METAL
WITH PLATING
c c1
SECTION A-A
b1
b
SOP -32
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does not authorize its products
for use as critical components in any application in which the failure of the BSI product may be expected to result in significant injury or death, including life-support
systems and critical medical instruments.
PACKAGE
J: SOJ
S: SOP
P: PDIP
T: TSOP (8mm x 20mm)
ST: Small TSOP (8mm x 13.4mm)
D: DICE
BS62LV1029 X X
Z
Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
55: 55ns
70: 70ns
PKG MATERIAL
-: Normal
G: Green
P: Pb free


Similar Part No. - BS62LV1029PIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DC BSI-BS62LV1023DC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DI BSI-BS62LV1023DI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JC BSI-BS62LV1023JC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JI BSI-BS62LV1023JI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1029PIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com