Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1029DIG70 Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS62LV1029DIG70
Description  Very Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1029DIG70 Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS62LV1029DIG70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1029DIG70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1029DIG70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1029DIG70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1029DIG70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1029DIG70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1029DIG70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1029DIG70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1029DIG70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
R0201-BS62LV1029
Revision 1.1
Jan.
2004
2
BSI
BS62LV1029
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not 100% tested.
SYMBOL
PARAMETER
RATING
UNITS
V TERM
Terminal Voltage with
Respect to GND
-0.5 to
Vcc+0.5
V
T BIAS
Temperature Under Bias
-40 to +85
O C
T STG
Storage Temperature
-60 to +150
O C
P T
Power Dissipation
1.0
W
I OUT
DC Output Current
20
mA
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C4.5V ~ 5.5V
Industrial
-40 O C to +85 O C4.5V ~ 5.5V
TRUTH TABLE
PIN DESCRIPTIONS
Name
Function
A0-A16 Address Input
These 17 address inputs select one of the 131,072 x 8-bit words in the RAM
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when
data read from or write to the device. If either chip enable is not active, the device is
deselected and is in a standby power mode. The DQ pins will be in the high
impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
DQ0-DQ7 Data Input/Output
Ports
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground
MODE
WE
CE1
CE2
OE
I/O OPERATION
Vcc CURRENT
XH
X
X
Not selected
(Power Down)
XX
L
X
High Z
ICCSB, ICCSB1
Output Disabled
H
L
H
H
High Z
ICC
Read
H
L
H
L
DOUT
ICC
Write
L
L
H
X
DIN
ICC


Similar Part No. - BS62LV1029DIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DC BSI-BS62LV1023DC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DI BSI-BS62LV1023DI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JC BSI-BS62LV1023JC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JI BSI-BS62LV1023JI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1029DIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com