Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE0201JKF7W0R91L Datasheet(PDF) 4 Page - YAGEO Corporation

Part # PE0201JKF7W0R91L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE0201JKF7W0R91L Datasheet(HTML) 4 Page - YAGEO Corporation

  PE0201JKF7W0R91L Datasheet HTML 1Page - YAGEO Corporation PE0201JKF7W0R91L Datasheet HTML 2Page - YAGEO Corporation PE0201JKF7W0R91L Datasheet HTML 3Page - YAGEO Corporation PE0201JKF7W0R91L Datasheet HTML 4Page - YAGEO Corporation PE0201JKF7W0R91L Datasheet HTML 5Page - YAGEO Corporation PE0201JKF7W0R91L Datasheet HTML 6Page - YAGEO Corporation PE0201JKF7W0R91L Datasheet HTML 7Page - YAGEO Corporation PE0201JKF7W0R91L Datasheet HTML 8Page - YAGEO Corporation PE0201JKF7W0R91L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
4
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
TYPE
RESISTANCE RANGE
L (mm)
W (mm)
H (mm)
I1 (mm)
PE0201
50 mΩ ≦ R ≦ 200 mΩ
0.60± 0.03
0.31± 0.04
0.27± 0.04
0.14± 0.06
PE0402
10 mΩ ≦ R ≦ 910 mΩ
1.00+0.10/-0.15
0.50+0.10/-0.15
0.35± 0.15
0.25± 0.10
PE0603
5 mΩ , 10 mΩ , 15mΩ , 20 mΩ≦ R ≦ 50 mΩ
1.60± 0.20
0.76± 0.25
0.35± 0.25
0.38± 0.25
51 mΩ ≦ R ≦ 910 mΩ
1.52± 0.25
0.76± 0.25
0.45± 0.10
0.38± 0.25
PE0805
5 mΩ , 10 mΩ , 15mΩ , 20 mΩ≦ R ≦ 50 mΩ
2.03± 0.25
1.27± 0.25
0.35± 0.25
0.38± 0.25
51 mΩ ≦ R ≦ 910 mΩ
2.03± 0.25
1.27± 0.25
0.55± 0.10
0.35± 0.20
PE1206
5 mΩ
3.20± 0.25
1.60± 0.25
0.64± 0.25
0.64± 0.25
6 mΩ ≦ R ≦ 910 mΩ
3.20± 0.25
1.60± 0.25
0.64± 0.25
0.51± 0.25
PE2010
5 mΩ ≦ R ≦ 6 mΩ
5.08± 0.25
2.54± 0.25
0.64± 0.25
1.47± 0.25
7 mΩ ≦ R ≦ 100 mΩ
5.08± 0.25
2.54± 0.25
0.64± 0.25
0.51± 0.25
PE2512
6 mΩ ≦ R ≦ 100 mΩ
6.35± 0.25
3.18± 0.25
0.64± 0.25
0.76± 0.25
Note:
1. For relevant physical dimensions, please refer to construction outlines.
2. Please contact with sales offices, distributors and representatives in your region before ordering.
DIMENSION
Table 1 For outlines, please refer to Fig. 4


Similar Part No. - PE0201JKF7W0R91L

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
PE0201 CMLMICRO-PE0201 Datasheet
117Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - PE0201JKF7W0R91L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com