Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1029TCP70 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV1029TCP70
Description  Very Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1029TCP70 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV1029TCP70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1029TCP70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1029TCP70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1029TCP70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1029TCP70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1029TCP70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1029TCP70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1029TCP70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1029TCP70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R0201-BS62LV1029
Revision 1.1
Jan.
2004
1
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=5.0V
PKG TYPE
BS62LV1029SC
SOP-32
BS62LV1029TC
TSOP-32
BS62LV1029STC
STSOP-32
BS62LV1029PC
PDIP-32
BS62LV1029JC
SOJ-32
BS62LV1029DC
+0
O C to +70 O C
4.5V ~ 5.5V
55/70
8.0uA
46mA
DICE
BS62LV1029SI
SOP-32
BS62LV1029TI
TSOP-32
BS62LV1029STI
STSOP-32
BS62LV1029PI
PDIP-32
BS62LV1029JI
SOJ-32
BS62LV1029DI
-40
O C to +85 O C4.5V~ 5.5V
55/70
20uA
47mA
DICE
Very Low Power/Voltage CMOS SRAM
128K X 8 bit
• Vcc operation voltage : 4.5V ~ 5.5V
• Very low power consumption :
Vcc = 5.0V
C-grade : 46mA (@55ns) operating current
I- grade : 47mA (@55ns) operating current
C-grade : 38mA (@70ns) operating current
I- grade : 39mA (@70ns) operating current
0.6uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE2, CE1, and OE options
The BS62LV1029 is a high performance, very low power CMOS
Static Random Access Memory organized as 131,072 words by 8 bits
and operates from a range of 4.5V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.6uA at 5V/25oC and maximum access time of 55ns at 5V/85oC.
Easy memory expansion is provided by an active LOW chip
enable (CE1), an active HIGH chip enable (CE2), and active LOW
output enable (OE) and three-state output drivers.
The BS62LV1029 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS62LV1029 is available in DICE form , JEDEC standard 32 pin
450mil Plastic SOP, 300mil Plastic SOJ, 600mil Plastic DIP, 8mmx13.4
mm STSOP and 8mmx20mm TSOP.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
BS62LV1029
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BS62LV1029SC
BS62LV1029SI
BS62LV1029PC
BS62LV1029PI
BS62LV1029JC
BS62LV1029JI
A7
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 1024
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
A3 A2 A1 A0 A10
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A14
A9
A11
A8
A13
A12
A6
8
8
8
8
14
128
1024
1024
20
A16
A15
A4
A5
CE2
BSI
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
BS62LV1029TC
BS62LV1029STC
BS62LV1029TI
BS62LV1029STI
55ns :4.5~5.5V
70ns :4.5~5.5V
Vcc= 5.0V
55ns
70ns
38mA
39mA


Similar Part No. - BS62LV1029TCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DC BSI-BS62LV1023DC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023DI BSI-BS62LV1023DI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JC BSI-BS62LV1023JC Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023JI BSI-BS62LV1023JI Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1029TCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com