Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8876 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD8876
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8876 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD8876 Datasheet HTML 1Page - Fairchild Semiconductor FDD8876 Datasheet HTML 2Page - Fairchild Semiconductor FDD8876 Datasheet HTML 3Page - Fairchild Semiconductor FDD8876 Datasheet HTML 4Page - Fairchild Semiconductor FDD8876 Datasheet HTML 5Page - Fairchild Semiconductor FDD8876 Datasheet HTML 6Page - Fairchild Semiconductor FDD8876 Datasheet HTML 7Page - Fairchild Semiconductor FDD8876 Datasheet HTML 8Page - Fairchild Semiconductor FDD8876 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD8876 / FDU8876 Rev. A2
Typical Characteristics T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs Case
Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
20
40
60
80
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
CURRENT LIMITED
BY PACKAGE
VGS = 4.5V
VGS = 10V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
1000
30
t, PULSE WIDTH (s)
10-5
10-4
10-3
10-2
10-1
100
101
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 4.5V


Similar Part No. - FDD8876

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8876 FAIRCHILD-FDD8876 Datasheet
473Kb / 11P
   N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDD8876 ISC-FDD8876 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD8876 FAIRCHILD-FDD8876_08 Datasheet
473Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDD8876

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com