Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5911L Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5911L
Description  Industry standard small form factor (SFF) package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5911L Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-5911L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5911L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical Interfaces
The HFBR-5911L/AL interfaces with the host circuit
board through the ten I/O pins identified by function
in Table 4. These pins are sized for use in boards
between 0.062 in. and 0.100 in. thick. The board layout
for this interface is depicted in Figure 4.
The HFBR-5911L/AL transmit and receive interfaces
require PECL differential signal lines on the host board.
To simplify board requirements, transmitter bias
resistors and ac coupling capacitors are incorporated
into the transceiver module and so are not required on
the host board.
The Tx_Disable and Signal Detect lines require TTL lines
on the host board if they are to be utilized.
The
transceiver will operate normally if these lines are not
connected on the host board.
Figure 2 depicts a recommended interface circuit to
link the HFBR-5911L/AL to the supporting physical layer
ICs.
Timing for the MSA compliant control signals
implemented in this transceiver are listed in Table 9
and diagramed in Figure 5.
PCB Assembly Process Compatibility
The HFBR-5911L/AL is compatible with industry-
standard wave solder and aqueous wash processes as
detailed in Table 10. The transceiver is shipped with a
process plug to keep out impinging liquids, but is not
intended to be immersed. After assembly, the process
plug should be kept in place as a dust plug when the
transceiver is not in use.
Regulatory Compliance
The HFBR-5911L/AL complies with all applicable laws
and regulations as detailed in Table 11. Certification
level is dependent of the overall configuration of the
host equipment. The transceiver performance is offered
as a figure of merit to assist the designer.
Electrostatic Discharge (ESD)
The HFBR-5911L/AL is compatible with ESD levels found
in typical manufacturing and operating environments
as described in Table 11. In the normal handling and
operation of optical transceivers, ESD is of concern in
two circumstances.
The first case is during handling of the transceiver prior
to soldering onto the host board. To protect the device,
it’s important to use normal ESD handling precautions.
These
include
using
grounded
wrist
straps,
workbenches and floor mats wherever the transceiver
is handled.
The second case to consider is static discharges to the
exterior of the host equipment chassis after assembly.
If the optical interface is exposed to the exterior of the
host equipment cabinet, the transceiver may be subject
to system-level ESD requirements.
EMI Immunity
Due to its shielded design, the EMI immunity of the
HFBR-5911L/AL exceeds typical industry standards.
Electromagnetic Interference (EMI)
Equipment incorporating Gigabit transceivers is
typically subject to regulation by the FCC in the United
States, TUV in the European Union and VCCI in Japan.
The HFBR-5911L/AL’s compliance to these standards is
detailed in Table 11.
The metal housing and shielded design of the HFBR-
5911L/AL minimize the EMI challenge facing the
equipment designer.
Flammability
The HFBR-5911L/AL optical transceiver is made of metal
and high strength, heat resistant, chemical resistant and
UL 94V-0 flame retardant plastic.
Caution
There are no user serviceable parts nor any
maintenance required for the HFBR-5911L/AL.
All
adjustments are made at the factory before shipment.
Tampering with, modifying, misusing or improperly
handling the HFBR-5911L/AL will void the product
warranty. It may also result in improper operation and
possibly overstress the laser source.
Performance
degradation or device failure may result. Connection
of the HFBR-5911L/AL to a light source not compliant
to the Gigabit Ethernet specification (IEEE 802.3),
operating above the recommended absolute maximum
operating conditions or in a manner inconsistent with
it’s design and function may result in exposure to
hazardous radiation and may constitute an act of
modifying or manufacturing a laser product. Person’s
performing such an act are required by law to recertify
and re-identify the laser product under the provisions
of U.S. 21 CFR (Subchapter J).


Similar Part No. - HFBR-5911L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
More results

Similar Description - HFBR-5911L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-57E6APZ-HT BOARDCOM-AFBR-57E6APZ-HT Datasheet
681Kb / 18P
   Industry standard Small Form Pluggable (SFP) package
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
HBCU-5710R AVAGO-HBCU-5710R Datasheet
820Kb / 25P
   Designed for Industry-Standard MSA-Compliant, Small Form Factor Pluggable (SFP) Ports
logo
TT Electronics.
SOT143 TTELEC-SOT143 Datasheet
547Kb / 4P
   Extremely small industry standard package
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com