Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-C115 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-C115
Description  Very high intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C115 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-C115 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-C115 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
1.59 mm
Precautions:
Lead Forming:
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering on PC board.
• For better control, it is recommended to use proper
tool to precisely form and cut the leads to applicable
length rather than doing it manually.
• If manual lead cutting is necessary, cut the leads after
the soldering process. The solder connection forms a
mechanical ground which prevents mechanical stress
due to lead cutting from traveling into LED package.
This is highly recommended for hand solder operation,
as the excess lead length also acts as small heat sink.
Soldering and Handling:
• Care must be taken during PCB assembly and soldering
process to prevent damage to the LED component.
• LED component may be effectively hand soldered
to PCB. However, it is only recommended under
unavoidable circumstances such as rework. The closest
manual soldering distance of the soldering heat source
(soldering iron’s tip) to the body is 1.59mm. Soldering
the LED using soldering iron tip closer than 1.59mm
might damage the LED.
• Wave soldering parameters must be set and maintained
according to the recommended temperature and dwell
time. Customer is advised to perform daily check on the
soldering profile to ensure that it is always conforming
to recommended soldering conditions.
Note:
1. PCB with different size and design (component density) will
have different heat mass (heat capacity). This might cause a
change in temperature experienced by the board if same wave
soldering setting is used. So, it is recommended to re-calibrate
the soldering profile again before loading a new type of PCB.
2. Customer is advised to take extra precaution during wave
soldering to ensure that the maximum wave temperature
does not exceed 250°C and the solder contact time does not
exceeding 3sec. Over-stressing the LED during soldering process
might cause premature failure to the LED due to delamination.
• Any alignment fixture that is being applied during
wave soldering should be loosely fitted and should
not apply weight or force on LED. Non metal material
is recommended as it will absorb less heat during wave
soldering process.
• At elevated temperature, LED is more susceptible to
mechanical stress. Therefore, PCB must allowed to cool
down to room temperature prior to handling, which
includes removal of alignment fixture or pallet.
• If PCB board contains both through hole (TH) LED and
other surface mount components, it is recommended
that surface mount components be soldered on the
top side of the PCB. If surface mount need to be on the
bottom side, these components should be soldered
using reflow soldering prior to insertion the TH LED.
• Recommended PC board plated through holes (PTH)
size for LED component leads.
LED Component
Lead Size
Diagonal
Plated Through-
Hole Diameter
Lead size (typ.) 0.45 × 0.45 mm
(0.018 × 0.018 in.)
0.636 mm
(0.025 in)
0.98 to 1.08 mm
(0.039 to 0.043 in)
Dambar shear-
off area (max.)
0.65 mm
(0.026 in)
0.919 mm
(0.036 in)
Lead size (typ.) 0.50 × 0.50 mm
(0.020 × 0.020 in.)
0.707 mm
(0.028 in)
1.05 to 1.15 mm
(0.041 to 0.045 in)
Dambar shear-
off area (max.)
0.70 mm
(0.028 in)
0.99 mm
(0.039 in)
• Over-sizing the PTH can lead to a twisted LED after it is
clinched. On the other hand, undersizing the PTH can
make inserting the TH LED difficult.
For more information about soldering and handling of TH
LED lamps, refer to application note AN5334.
Wave
Soldering[1],[2]
Manual Solder
Dipping
Pre-heat Temperature
105°C Max.
Pre-heat Time
60 sec Max.
Peak Temperature
250°C Max.
260°C Max.
Dwell Time
3 sec Max.
5 sec Max.
Notes:
1. These conditions refer to measurement with a thermocouple
mounted at the bottom of PCB.
2. To reduce thermal stress experienced by the LED, it is
recommended that you use only the bottom preheaters.
• ESD precaution must be properly applied on the
soldering station and by personnel to prevent ESD
damage to the LED component that is ESD sensitive.
For details, refer to Avago application note AN 1142.
The soldering iron used should have a grounded tip to
ensure electrostatic charge is properly grounded.
• Recommended soldering conditions:


Similar Part No. - HLMP-C115

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C115 HP-HLMP-C115 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-C115-L0000 HP-HLMP-C115-L0000 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C115

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com