Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3507 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3507
Description  High intensity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3507 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3507 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3507 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Dimensions
Part Numbering System
Notes:
1. All dimensions are in mm (inches).
2. An epoxy meniscus may extend about 1 mm (0.040") down the leads.
3. For PCB hole recommendations, see the Precautions section.
25.40(1.00)
MINIMUM
2.54 (0.100) NOM.
0.55 (0.022)
0.40 (0.016)
6.10 (0.240)
5.59 (0.220)
1.27(0.050)
NOM.
0.89 (0.035)
0.64 (0.025)
5.08 (0.200)
4.57 (0.180)
9.19 (0.362)
8.43 (0.332)
SQUARE TYP.
CATHODE LEAD
0.65 (0.026) max
HLMP - x x xx - x x x xx
Mechanical Option
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
B1: Right Angle Housing, Uneven Leads
B2: Right Angle Housing, Even Leads
DD: Ammo Pack
R4: Tape & Reel, Counter Clockwise
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (no max. limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Brightness Level
0x: Less Brightness
62: Higher Brightness
Color Options
3,7: GaP HER
4,8: GaP Yellow (except D4xx)
5,9: GaP Green
Package Options
3: T-1 3/4 (5 mm)
D: T-1 3/4 (5 mm) GaP Orange


Similar Part No. - HLMP-3507

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3507 HP-HLMP-3507 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3507 BOARDCOM-HLMP-3507 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3507-D0000 HP-HLMP-3507-D0000 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3507-D0001 HP-HLMP-3507-D0001 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3507-D0002 HP-HLMP-3507-D0002 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results

Similar Description - HLMP-3507

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com