Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-D401 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-D401
Description  High intensity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-D401 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-D401 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-D401 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-D401 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-D401 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-D401 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-D401 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-D401 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-D401 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-D401 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
T-13/4Green/Emerald Green Diffused Lamps
Figure 15. Maximum tolerable peak current vs.
pulse duration. (IDC MAX as per MAX ratings)
Figure 16. Relative luminous intensity vs. angular displacement
Figure 12. Forward current vs. forward voltage
characteristics
Figure 13. Relative luminous intensity vs.
DC forward current
Figure 14. Relative efficiency (luminous intensity per
unit current) vs. peak LED current


Similar Part No. - HLMP-D401

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D401 QT-HLMP-D401 Datasheet
245Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-D401 FAIRCHILD-HLMP-D401 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-D401 HP-HLMP-D401 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-D401 BOARDCOM-HLMP-D401 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D401-D0000 HP-HLMP-D401-D0000 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results

Similar Description - HLMP-D401

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com