Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5410CSZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5410CSZ-T7
Description  30MHz Rail-to-Rail Input-Output Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5410CSZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5410CSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5410CSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5410CSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5410CSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5410CSZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5410CSZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5410CSZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5410CSZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5410CSZ-T7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN7185.2
May 6, 2005
Typical Performance Curves (Continued)
Settling Time vs Step Size
230
-2
2
Settling Time (ns)
4
3
1
-3
0
-1
-4
5
-5
70
210
190
170
150
130
110
90
VS=±5V
AV=1
RL=1k
CL=12pF
TA=25°C
PSRR vs Frequency
100
0
Frequency (Hz)
80
60
40
20
1M
10M
10k
100k
VS=±5V
TA=25°C
1k
PSRR+
PSRR-
Input Voltage Noise Spectral Density vs Frequency
100
100k
100M
10
100
Frequency (Hz)
1
10M
1k
10k
1M
1000
1k
10k
100k
0.008
Total Harmonic Distortion + Noise vs Frequency
Frequency (Hz)
Channel Separation vs Frequency Response
1k
-60
Frequency (Hz)
-160
-120
-100
-80
0.010
1M
30M
10k
100k
0.006
0.004
0.002
10M
Dual measured Channel A to B
Quad measured Channel A to D or B to C
Other combinations yield improved rejection
0
VS=±5V
RL=1kΩ
AV=1
VIN=0.5VRMS
VS=±5V
RL=1kΩ
AV=1
VIN=110mVRMS
10
100
1000
Small-Signal Overshoot vs Load Capacitance
Load Capacitance (pF)
0
20
40
60
80
100
VS=±5V
AV=1
RL=1kΩ
VIN=±50mV
TA=25°C
-140
0.1%
0.1%
EL5210, EL5410


Similar Part No. - EL5410CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5410CSZ-T7 INTERSIL-EL5410CSZ-T7 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5410CSZ-T7 RENESAS-EL5410CSZ-T7 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5410CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210 RENESAS-EL5210 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com