Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9001-CQM Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9001-CQM
Description  EDH COPROCESSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9001-CQM Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9001-CQM Datasheet HTML 4Page - Gennum Corporation GS9001-CQM Datasheet HTML 5Page - Gennum Corporation GS9001-CQM Datasheet HTML 6Page - Gennum Corporation GS9001-CQM Datasheet HTML 7Page - Gennum Corporation GS9001-CQM Datasheet HTML 8Page - Gennum Corporation GS9001-CQM Datasheet HTML 9Page - Gennum Corporation GS9001-CQM Datasheet HTML 10Page - Gennum Corporation GS9001-CQM Datasheet HTML 11Page - Gennum Corporation GS9001-CQM Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
521 - 38 - 02
Word
Databits
Comments
Address
B7
B6
B5
B4
B3
B2
B1
B0
1
AP
AP
AP
ANC
ANC
ANC
ANC
ANC
15 Error Flags (according to
IDH
EDA
EDH
UES
IDA
IDH
EDA
EDH
SMPTE RP165) see note
below for flag ANC EXT
2
ANC
FF
FF
FF
FF
FF
AP
AP
EXT
UES
IDA
IDH
EDA
EDH
UES
IDA
3
Error counter
NTSC
HD1
D1
Video standard & error counter
b20
b19
b18
b17
b16
PAL
D1
D2
4
Error counter
Error counter 21 bits wide
b15
b14
b13
b12
b11
b10
b9
b8
5
Error counter
b7
b6
b5
b4
b3
b2
b1
b0
6
Active Picture CRC
Active picture CRC
b15
b14
b13
b12
b11
b10
b9
b8
16 bits wide
7
Active Picture CRC
b7
b6
b5
b4
b3
b2
b1
b0
8
Full Field CRC
Full Field CRC 16 bits wide
b15
b14
b13
b12
b11
b10
b9
b8
9
Full Field CRC
b7
b6
b5
b4
b3
b2
b1
b0
10
RW2
RW2
RW1
RW1
RW1
RW1
RW1
RW1
Bits 2 to 7 for reserved
b3
b2
b7
b6
b5
b4
b3
b2
words 1 to 7
11
RW3
RW3
RW3
RW3
RW2
RW2
RW2
RW2
b5
b4
b3
b2
b7
b6
b5
b4
Example:
Bit number 4 of reserved
12
RW4
RW4
RW4
RW4
RW4
RW4
RW3
RW3
word 2 is denoted as
b7
b6
b5
b4
b3
b2
b7
b6
RW2 b4
13
RW6
RW6
RW5
RW5
RW5
RW5
RW5
RW5
b3
b2
b7
b6
b5
b4
b3
b2
14
RW7
RW7
RW7
RW7
RW6
RW6
RW6
RW6
b5
b4
b3
b2
b7
b6
b5
b4
15
0
0
0
0
0
0
RW7
RW7
b7
b6
NOTES: The error counter is 21 bits wide and counts the number of fields that had errors. This counter can be made to increment
only upon the occurrence of a specific type of flag in a field. This sensitivity is programmable through SANC,SFF & SAP
class of flags (see WRITE section). ANC EXT is a flag defined to indicate any checksum error in the EDH packet.
Reserved Words 1 to 7 in an EDH packet are both readable and writable. Only bits 2 to 7 of each reserved word
are available. During Write operation for every reserved word, Even Parity is added as bit 8 and bit 9 is the logical inverse
of bit 8. Bits 0 and 1 are zero to maintain compatibility with 8 bit systems.
16 bit Active Picture CRC and Full Field CRC words are available for every field, through the
I
2C interface.
Table 4. I2C - Interface: Data Format for READ 15 Words


Similar Part No. - GS9001-CQM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9001-CQM GENNUM-GS9001-CQM Datasheet
341Kb / 14P
   EDH Coprocessor
GS9001-CQME3 GENNUM-GS9001-CQME3 Datasheet
341Kb / 14P
   EDH Coprocessor
More results

Similar Description - GS9001-CQM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9001 GENNUM-GS9001_04 Datasheet
341Kb / 14P
   EDH Coprocessor
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
   Motion Coprocessor
REV. B
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
   Voice Coprocessor
logo
National Semiconductor ...
CS1301 NSC-CS1301 Datasheet
326Kb / 25P
   Media Coprocessor
logo
Analog Devices
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
   Motion Coprocessor
REV. B
logo
Intel Corporation
8087 INTEL-8087 Datasheet
1Mb / 22P
   MATH COPROCESSOR
logo
Maxwell Technologies
80387DX MAXWELL-80387DX Datasheet
444Kb / 17P
   Math Coprocessor
logo
Analog Devices
ADMC200 AD-ADMC200 Datasheet
134Kb / 12P
   Motion Coprocessor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com