Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9008-CKA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS9008-CKA
Description  Cable Driver with Two Adjustable Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9008-CKA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS9008-CKA Datasheet HTML 1Page - List of Unclassifed Manufacturers GS9008-CKA Datasheet HTML 2Page - List of Unclassifed Manufacturers GS9008-CKA Datasheet HTML 3Page - List of Unclassifed Manufacturers GS9008-CKA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ORDERING INFORMATION
Part Number
Package Type
Temperature Range
GS9008 - CKA
8 Pin SOIC
0
° to 70°C
DEVICE DESCRIPTION
The
GENLINXGS9008 is a bipolar integrated circuit
designed to drive two 75
Ω co-axial cables at data rates
exceeding 400 Mb/s.
It directly interfaces with other
GENLINXdevices and can also be used as a general
purpose high speed cable driver.
While there are no plans to discontinue the GS9008, Gennum
has developed a successor product with improved features
and performance called the GS9028.
The GS9028 is
recommended for new designs.
The differential inputs are AC-coupled and internally DC-
restored which allows correct passage of pathological
check codes associated with the serial digital standards.
Even though the inputs are AC coupled, static protection
diodes at each input restrict the DC differential so that if the
driving source uses the opposite polarity power supply,
external DC blocking capacitors must be used.
Correctly terminated output signal levels are adjustable
from as low as 0 mV to as high as 1100 mV with little change
in other performance parameters. Performance is guaranteed
for output levels between 600 mV and 1000 mV. The gain
of the output stages is varied by adjusting the V
SET
voltage
with respect to an internal band gap reference voltage
V
REF
.
The GS9008 is packaged in an 8 pin SOIC, and operates
from a single +5 or -5 volt supply consuming typically only
170 mW of power.
GENLINXGS9008 Cable Driver
with Two Adjustable Outputs
DATA SHEET
Revision Date: April 1998
FUNCTIONAL BLOCK DIAGRAM
OUTPUT 1
OUTPUT 1
GS9008
INPUT
VSET
INPUT BUFFER
&
DC RESTORE
VREF
INPUT
GAIN
CONTROL
VCC (GND)
GND (VEE)
BAND-GAP
REFERENCE
OUTPUT
DRIVER
FEATURES
• two outputs, adjustable from 0 to 1100 mVp-p into
75
loads
• nominal 600 ps rise and fall times
• accepts SMPTE and standard ECL input levels
• operates from a single +5 or -5 volt supply
• on-chip DC restoration for low jitter
• 170 mW power dissipation
• interfaces with
GENLINXGS9002, GS9004A,
GS9005A and GS9015A
APPLICATIONS
• SMPTE 259M Serial Digital Systems (4:2:2 & 4ƒsc)
• Other Serial Digital Video Interfaces - 360 Mb/s
• General purpose high speed driver applications
INPUT
VSET
VEE
VREF
VCC
OUTPUT 1
OUTPUT 1
INPUT
8
1
4
3
6
5
7
2
GS9008
PIN CONNECTIONS
Patent No. 5,426,389.
Document No.
520 - 77 - 04
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 fax. +1 (905) 632-5946
Web Site: www.gennum.com E-mail: info@gennum.com


Similar Part No. - GS9008-CKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9008A GENNUM-GS9008A Datasheet
91Kb / 4P
   GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
GS9008ACKA GENNUM-GS9008ACKA Datasheet
91Kb / 4P
   GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
GS9008ACKAE3 GENNUM-GS9008ACKAE3 Datasheet
91Kb / 4P
   GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
More results

Similar Description - GS9008-CKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
   Cable Driver with Two Adjustable Outputs
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
   Cable Driver with Two Adjustable Outputs
GS9008A GENNUM-GS9008A Datasheet
91Kb / 4P
   GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
logo
List of Unclassifed Man...
GS9009 ETC-GS9009 Datasheet
129Kb / 4P
   GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com