Electronic Components Datasheet Search |
|
GS9010ACKC Datasheet(PDF) 5 Page - Gennum Corporation |
|
GS9010ACKC Datasheet(HTML) 5 Page - Gennum Corporation |
5 / 6 page 5 521 - 01 - 05 (A) CARRIER DETECT (PIN 14) (C) OUT (PIN 2) 2 SECONDS 2 MINs (D) ƒ/2 (PIN 6) (B) HSYNC (PIN 13) TRS TRS LOOP LOCKED LOOP LOCKED COMPONENT VIDEO COMPOSITE VIDEO (NOT TO SCALE) Fig. 2 System Waveform Diagrams APPLICATIONS Figure 3 shows a typical application circuit using the GS9010A in an autotuning SDI receiver. Correct operation of an autotuning receiver is determined by using a suitable EDH measurement tool or Digital to Analog Monitor to verify error free performance. The correct operation of a locked autotuning receiver can be verified by referring to Figure 2. The HSYNC output from the GS9000B or GS9000S decoder will toggle on each occurrence of the Timing Reference Signal (TRS). The state of the HSYNC output is not significant, just the rate at which it toggles. Application Note - PCB Layout Special attention must be paid to component layout when designing high performance serial digital receivers. For background information on high speed circuit and layout design concepts, refer to Document No. 521-32-00, “Optimizing Circuit and Layout Design of the GS90005A/15A”. A recom- mended PCB layout can be found in the Gennum Application Note “EB9010B Deserializer Evaluation Board” The use of a star grounding technique is required for the loop filter components of the GS9005A/15A. Controlled impedance PCB traces should be used for the differential clock and data interconnection between the GS9005A and the GS9000B or GS9000S. These differential traces must not pass over any ground plane discontinuities. A slot antenna is formed when a microstrip trace runs across a break in the ground plane. The series resistors at the parallel data output of the GS9000B/S are used to slow down the fast rise/fall time of the GS9000B/S outputs. These resistors should be placed as close as possible to the GS9000B or GS9000S output pins to minimize radiation from these pins. |
Similar Part No. - GS9010ACKC |
|
Similar Description - GS9010ACKC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |