Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9015A Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9015A
Description  Serial Digital Reclocker
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015A Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9015A Datasheet HTML 5Page - Gennum Corporation GS9015A Datasheet HTML 6Page - Gennum Corporation GS9015A Datasheet HTML 7Page - Gennum Corporation GS9015A Datasheet HTML 8Page - Gennum Corporation GS9015A Datasheet HTML 9Page - Gennum Corporation GS9015A Datasheet HTML 10Page - Gennum Corporation GS9015A Datasheet HTML 11Page - Gennum Corporation GS9015A Datasheet HTML 12Page - Gennum Corporation GS9015A Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
520 - 99 - 05
5.6k
VEE
1N914
1.3k
5k
Divide by 2 is OFF
4.3k
VEE
1N914
1.3k
5k
Divide by 2 is ON
VEE
1N914
1k
1k
Divide by 2 is OFF
Divide by 2 is ON
VEE
1N914
1k
1k
0.1µF
0.1µF
0.1µF
0.1µF
Fig. 15 Frequency Setting Resistor Values
& Temperature Compensation
Divide by 2 is OFF
VEE
1k
0.1µF
5k
Figure 15 shows the connections for the frequency setting
resistors for the various data rates. The compensation shown
for 360 Mb/s and 177 Mb/s with Divide by 2 ON, is useful to
a maximum ambient temperature of 50
°C. If the Divide by 2
function is not enabled by the ƒ/2 ENABLE input, no
compensation is needed for the 143 Mb/s and 177 Mb/s data
rates. The resistor connections are shown in Figure 16. In both
cases , the 0.1
µF capacitor that bypasses the potentiometer
should be star routed to VEE3.
Temperature Compensation
Loop Bandwidth
The loop bandwidth is dependant upon the internal PLL gain
constants along with the loop filter components connected to
pin 12. In addition, the impedance seen by the RVCO pin also
influences the loop characteristics such that as the imped-
ance drops, the loop gain increases.
Applications Circuit
Figure 17 shows an application of the GS9015A in an
adjustment free, multi-standard serial to parallel convertor.
This circuit uses the GS9010A Automatic Tuning Sub-
system IC and a GS9000B or GS9000S Decoder IC.
The GS9010A ATS eliminates the need to manually set or
externally temperature compensate the Receiver or Reclocker
VCO.
The GS9010A can also determine whether the
incoming data stream is 4ƒsc NTSC,4ƒsc PAL or component
4:2:2.
The GS9010A includes a ramp generator/oscillator which
repeatedly sweeps the Reclocker VCO frequency over a
set range until the system is correctly locked. An automatic
fine tuning (AFT) loop maintains the Reclocker VCOcontrol
voltage at it's centre point through continuous, long term
adjustments of the VCO centre frequency.
During normal operation, the GS9000B or GS9000S Decoder
provides continuous HSYNC pulses which disable the
ramp/oscillator of the GS9010A.
This maintains the
correct Reclocker VCO frequency. When an interruption
to the incoming data stream is detected by the Reclocker,
the Carrier Detect goes LOW and opens the AFT loop in
order to maintain the correct VCO frequency for a period
of at least 2 seconds. This allows the Reclocker to rapidly
relock when the signal is re-established.
143Mb/s and 177 Mb/s using any R
VCO
pins
Fig. 16
Non - Temperature Compensated Resistor Values
for 143 Mb/s and 177 Mb/s
Temperature Compensation Procedure
In order to correctly set the VCO frequency so that the PLL will
always re-acquire lock over the full temperature range, the
following procedure should be used. The circuit should be
powered on for at least one minute prior to starting this
procedure.
Monitor the loop filter voltage at the junction of the loop filter
resistor and 10 nF loop filter capacitor (LOOP FILTER TEST
POINT). Using the appropriate network shown above, the
VCO frequency is set by first tuning the potentiometer so that
the PLL loses lock at the low end (lowest loop filter voltage).
The loop filter voltage is then slowly increased by adjusting the
the potentiometer to determine the error free low limit of the
capture range. Error free operation is determined by using a
suitable CRC or EDH measurement method to obtain a stable
signal with no errors. Record the loop filter voltage at this point
as V
CL.
Now adjust the potentiometer so that the loop filter
voltage is 250 mV above V
CL.
270 Mb/s using R
VCO0
or R
VCO1
143 Mb/s using R
VCO2
or R
VCO3
177 Mb/s using R
VCO2
or R
VCO3
360 Mb/s using R
VCO0
or R
VCO1


Similar Part No. - GS9015A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9015BCPJ GENNUM-GS9015BCPJ Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9015BCTJ GENNUM-GS9015BCTJ Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
More results

Similar Description - GS9015A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com