Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9010ACTC Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9010ACTC
Description  Serial Digital Automatic Tuning Subsystem
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9010ACTC Datasheet(HTML) 1 Page - Gennum Corporation

  GS9010ACTC Datasheet HTML 1Page - Gennum Corporation GS9010ACTC Datasheet HTML 2Page - Gennum Corporation GS9010ACTC Datasheet HTML 3Page - Gennum Corporation GS9010ACTC Datasheet HTML 4Page - Gennum Corporation GS9010ACTC Datasheet HTML 5Page - Gennum Corporation GS9010ACTC Datasheet HTML 6Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STANDARDS
THRESHOLD ADJUST
OUT
(to GS9005A)
IN-
2
1
13
3
HSYNC
( (from GS9000B
o orGS9000S)
VREF
20k
25k
18k
+
-
+
-
OSCILLATOR
COMPOSITE /
COMPONENT
DETECTOR
÷ 4
4
5
14
11
6
10
9
8
16
PAL/NTSC
FREQUENCY
COMPENSATION
LOOP FILTER
(from GS9005A)
OSCILLATOR
ƒ/2
(to GS9005A)
DELAY
CARRIER DETECT
(from GS9005A)
FV CAP
SWF
(from GS9000B
or GS9000S)
DEVICE DESCRIPTION
The
GENLINXGS9010A is a monolithic integrated
circuit designed to be an Automatic Tuning Subsystem
(ATS) when used with the GS9005A Receiver or the
GS9015A Reclocker and the GS9000B or GS9000S Decoder.
The GS9010A ATS eliminates the need to manually set or
externally temperature compensate the Receiver or Reclocker
VCO.
The GS9010A can also determine whether the
incoming data stream is 4ƒsc NTSC, 4ƒsc PAL or component
4:2:2.
The GS9010A is an enhanced version of the GS9010. Pin
compatible with the GS9010, the GS9010A offers improved
noise immunity to spurious HSYNC signals.
The GS9010A includes a ramp generator/oscillator which
repeatedly sweeps the Receiver/Reclocker VCO frequency
over a set range until the system is correctly locked. Once
locked, an automatic fine tuning (AFT) loop maintains the
VCO control voltage at its optimum centre point over
variations in temperature. During normal operation, the
GS9000B or GS9000S Decoder provides continuous HSYNC
pulses which disable the ramp/oscillator of the GS9010A.
This maintains the correct Receiver/Reclocker VCO
frequency. When an interruption to the incoming data
stream is detected by the Receiver/Reclocker, the Carrier
Detect goes LOW and opens the AFT loop in order to
maintain the correct VCO frequency for a period of typically
2 seconds. If the signal is re-established within this 2
seconds, the Receiver/Reclocker will rapidly relock. For
periods longer than typically 2 seconds, the VCO slowly
drifts towards a minimum frequency.
Typically after 2
minutes, the serial clock output of the PLL settles to
approximately 85 MHz when ƒ/2 is high or 170 MHz
when ƒ/2 is low. The GS9010A is packaged in a 16 pin
wide SOIC, operates from a single +5 or -5 volt supply
and typically consumes 40 mW of power.
FEATURES
• when used with the GS9005A or GS9015A and the
GS9000B or GS9000S, the GS9010A:
- constitutes an automatic 'tweakless' Serial
Digital receiving system
- eliminates the need for trim pots and external
temperature compensation for bit rates to 370 Mb/s
- automatically determines whether data is 4ƒsc
or 4:2:2, and whether the 4ƒsc data is NTSC or
PAL
- acquires lock from a 'no signal' condition in typically
50 ms
- holds lock during data interruptions for typically 2s
- relocks from synchronous switching in less than
10
µs
• 16 pin SOIC packaging
• operates from a single +5 or -5 volt supply
• typically consumes only 40 mW
• immunity to spurious HSYNC inputs
• defines minimum GS9005A VCO frequency after
extended absence of input signal
• matches GS9005A capture range
DATA SHEET
GENLINXGS9010A Serial Digital
Automatic Tuning Subsystem
Revision Date: August 1997
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS
• 4ƒsc, 4:2:2 & 360 Mb/s serial digital interfaces
ORDERING INFORMATION
Part Number
Package Type
Temperature Range
GS9010ACKC
16 Pin Wide SOIC
0
° to 70° C
GS9010ACTC
16 Pin Wide SOIC Tape
0
° to 70° C
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3 tel. (905) 632-2996 fax: (905) 632-5946
Gennum Japan Corporation: A-302 Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168, Japan
tel. (03) 3334-7700
fax (03) 3247-8839
Document No. 521 - 01 - 05


Similar Part No. - GS9010ACTC

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015ACPJ GENNUM-GS9015ACPJ Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015ACTJ GENNUM-GS9015ACTJ Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9015BCPJ GENNUM-GS9015BCPJ Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
More results

Similar Description - GS9010ACTC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90T365 ZILOG-Z90T365 Datasheet
230Kb / 6P
   Automatic frequency tuning
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
logo
List of Unclassifed Man...
CA3064 ETC1-CA3064 Datasheet
516Kb / 8P
   TV Automatic Fine Tuning Circuit
logo
Motorola, Inc
MC1405 MOTOROLA-MC1405 Datasheet
758Kb / 14P
   ANALOG - TO - DIGITAL CONVERTER SUBSYSTEM
logo
Toshiba Semiconductor
TC9321F-003 TOSHIBA-TC9321F-003 Datasheet
207Kb / 4P
   DIGITAL TUNING SYSTEM
logo
Silan Microelectronics ...
SC9318-033 SILAN-SC9318-033 Datasheet
662Kb / 28P
   DIGITAL TUNING SYSTEM
logo
NTE Electronics
NTE783 NTE-NTE783 Datasheet
21Kb / 2P
   Integrated Circuit Automatic Fine-Tuning Detector
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
   Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
logo
Toshiba Semiconductor
TC9321F-005 TOSHIBA-TC9321F-005 Datasheet
208Kb / 4P
   DIGITAL TUNING SYSTEM
TC9318FB-001 TOSHIBA-TC9318FB-001 Datasheet
195Kb / 4P
   DIGITAL TUNING SYSTEM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com