Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9023 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GS9023
Description  Embedded Audio CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9023 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GS9023 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS9023 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
GENNUM CORPORATION
522 - 45 - 05
8
Video Data Output
The video signal is output at the DOUT[9:0] pins. The video
signal is synchronized to the rising edge of PCLK. When the
GS9023 is properly configured, audio packets, extended
audio packets, audio control packets and arbitrary data
packets are multiplexed into the output video signal. When
the video signal is a 525 line or 625 line D2 format, TRS
information is added to the video signal if the TRS input pin
or the “D2_TRS” and “VSEL” bits of Host Interface Register
#0h are HIGH. EDH packets can also be inserted into the
video signal by setting the EDH_INS pin HIGH or by setting
the “EDHON” bit HIGH of Host Interface Register #1h.
When selected, the GS9023 inserts EDH packets according
to SMPTE RP165.
NOTE: Active picture and full field data words are updated
from recalculated values but error flag information is
replaced with the values programmed in Host Interface
Registers #Eh and #Fh.
NOTE: In the 525/4:4:4:4 video standard, EDH packets
should not be inserted as this can lead to TRS signal
corruption. When EDH packets are not inserted, the
“EDHDEL” bit of Host Interface Register #0h controls the
deletion of EDH packets. When the “EDHDEL” bit is set
LOW, EDH packets are deleted from the incoming video
signal. When “EDHDEL” is set HIGH, EDH packets pass
through the device unchanged.
NOTE: “EDHDEL” functionality is valid only when the
“CASCADE” bit of Host Interface Register #4h is LOW.
Audio Clock Input
A master audio clock (128 fs: 6.144MHz) must be supplied
to the ACLK pin. This clock must be synchronized with the
video signal input to the GS9023. An audio word clock must
also be supplied (fs: 48kHz) to the WCINA/B pins when
using non-AES/EBU audio. The two 48kHz word clocks
must also be synchronized to the video signal.
Audio Data Input
The serial audio data for channels 1 and 2 are input to the
AINA pin. The serial audio data for channels 3 and 4 are
input to the AINB pin. The GS9023 can multiplex 20 or 24
bit audio data samples. When the AUXEN pin or bit “A4ON”
of Host Interface Register #1h is HIGH, the device
processes 24 bit audio samples. When the AUXEN pin or
“A4ON” register bit is LOW, the device processes 20 bit
audio samples. On power up, the “A4ON” bit default is
LOW.
The GS9023 offers five predefined audio data input formats,
selected via the AM[2:0] pins, which are listed in Table 2
and illustrated in Figure 1. The first four predefined formats
relate to non-AES/EBU audio data while the fifth format
corresponds to the AES/EBU audio format. The WCINA and
WCINB pins should be grounded when inputting AES/EBU
audio data as they are not used.
The GS9023 supports muting of the audio data input.
Multiplexed audio and extended data packets for all
channels are forced to zero when the MUTE pin or “MUTE”
bit of Host Interface Register #4h is set HIGH.
Control Code Input
When inputting non-AES/EBU audio data, the validity (V),
user data (U) and channel status (C) bits of each audio
data channel must be input to the corresponding pins
(VFLA, VFLB; UDA, UDB; CSA, CSB). The signals must be
updated on the rising edge of WCINA/B and remain
constant for the entire word clock period (64 ACLK cycles).
When inputting non-AES/EBU audio data, the SAFA and
SAFB pins must be high for one frame out of 192 frames
received to indicate the start of frame condition.
When inputting AES/EBU audio data, the control code input
pins should be grounded as they are not used.
TABLE 2: Audio Input Formats
FORMATS
WCINA/B
AM[2]
AM[1]
AM[0]
AIN-MODE 0
User
Supplied
000
AIN-MODE 1
User
Supplied
001
AIN-MODE 2
User
Supplied
010
AIN-MODE 3
User
Supplied
011
AIN-AES/EBU
Not Used
1
0
0
Not Used
-
1
0
1
Not Used
-
1
1
0
Not Used
-
1
1
1


Similar Part No. - GS9023

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9023A GENNUM-GS9023A Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
GS9023ACFY GENNUM-GS9023ACFY Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
GS9023BCVE3 GENNUM-GS9023BCVE3 Datasheet
714Kb / 56P
   Embedded Audio CODEC
More results

Similar Description - GS9023

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
logo
Analog Devices
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Gennum Corporation
GS9023A GENNUM-GS9023A Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
logo
Texas Instruments
PCM3070 TI-PCM3070_15 Datasheet
1Mb / 49P
[Old version datasheet]   PCM3070 Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com