Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9015ACTJ Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9015ACTJ
Description  Serial Digital Reclocker
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015ACTJ Datasheet(HTML) 1 Page - Gennum Corporation

  GS9015ACTJ Datasheet HTML 1Page - Gennum Corporation GS9015ACTJ Datasheet HTML 2Page - Gennum Corporation GS9015ACTJ Datasheet HTML 3Page - Gennum Corporation GS9015ACTJ Datasheet HTML 4Page - Gennum Corporation GS9015ACTJ Datasheet HTML 5Page - Gennum Corporation GS9015ACTJ Datasheet HTML 6Page - Gennum Corporation GS9015ACTJ Datasheet HTML 7Page - Gennum Corporation GS9015ACTJ Datasheet HTML 8Page - Gennum Corporation GS9015ACTJ Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SERIAL DATA
PLL
SERIAL CLOCK
LOOP
FILTER
SS0
SS1
CARRIER
DETECT
DATA
LATCH
PHASE
COMPARATOR
CARRIER
DETECT
CHARGE
PUMP
STANDARD
SELECT
VCO
19
12
13 14 15 17
20
21
SERIAL DATA
SERIAL CLOCK
24
25
22
23
÷2
ƒ/2
10
DIGITAL
IN
5,6
GS9015A
GENLINXGS9015A
Serial Digital Reclocker
DATA SHEET
Revision Date: April 1998
FEATURES
DEVICE DESCRIPTION
The GS9015A is a monolithic IC designed to receive SMPTE
259M serial digital video signals. This device performs the
function of data and clock recovery. It interfaces directly with
the
GENLINXGS9000B or GS9000S Decoder.
While there are no plans to discontinue the GS9015A, Gennum
has developed a successor product with improved features
and performance called the GS9035.
The GS9035 is
recommended for new designs.
The VCO centre frequencies are controlled by external resistors
which can be selected by applying a two bit binary code to the
Standards Select input pins. Alternatively, the GS9015A can
be used with the GS9010A to form an adjustment free reclocker
system.
The GS9015A is packaged in a 28 pin PLCC operating from
a single +5 or -5 volt supply.
reclocking of SMPTE 259M signals
operational to 400 Mb/s
adjustment free reclocker when used with the
GS9000B or GS9000S decoder and GS9010A
Automatic Tuning Sub-system
28 pin PLCC packaging
APPLICATIONS
• 4ƒ
SC, 4:2:2 and 360 Mb/s serial digital interfaces
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
GS9015ACPJ
28 Pin PLCC
0O C to 70O C
GS9015ACTJ
28 Pin PLCC Tape
0O C to 70O C
SPECIAL NOTE: R
VCO1
and R
VCO2
are functional over a
reduced temperature range of T
A
=0
°C to 50°C. R
VCO0
and R
VCO3
are functional over the full temperature range
of T
A
=0
°C to 70°C. This limitation does not affect
operation with the GS9010A ATS.
FUNCTIONAL BLOCK DIAGRAM
Document No. 520 - 99 - 05
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 fax. +1 (905) 632-5946
Web Site: www.gennum.com E-mail: info@gennum.com


Similar Part No. - GS9015ACTJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9015BCPJ GENNUM-GS9015BCPJ Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9015BCTJ GENNUM-GS9015BCTJ Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
More results

Similar Description - GS9015ACTJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com