Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA782 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA782
Description  Band Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA782 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA782 Datasheet HTML 1Page - Vishay Siliconix BA782 Datasheet HTML 2Page - Vishay Siliconix BA782 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BA782, BA783
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 25-Feb-13
2
Document Number: 85708
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Diode Capacitance
Fig. 2 - Dynamic Forward Resistance vs. Forward Current
PACKAGE DIMENSIONS in millimeters (inches): SOD-123
T
j = 25 °C
f = 1 MHz
18798
110
0.1
0.8
0.6
0.4
1.4
1.2
1.0
0.2
0
100
VR - Reverse Voltage (V)
2.0
1.8
1.6
1
10
0.1
1
100
10
18799
IF - Forward Current (mA)
BA782
100 MHz
BA783
100 MHz
BA782, BA783
1 kHz
T
amb = 25 °C
2.85 (0.112)
2.55 (0.100)
3.85 (0.152)
3.55 (0.140)
Mounting Pad Layout
2.5 (0.098)
0.85 (0.033)
0.85 (0.033)
Cathode bar
0.45 (0.018)
0.25 (0.010)
0.5 (0.020) ref.
Rev. 4 - Date: 24. Sep. 2009
Document no.: S8-V-3910.01-001 (4)
17432


Similar Part No. - BA782

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BA782 GE-BA782 Datasheet
81Kb / 2P
   Bandswitching Diodes
logo
Guangdong Kexin Industr...
BA782 KEXIN-BA782 Datasheet
33Kb / 1P
   Bandswitching Diodes
logo
SEMTECH ELECTRONICS LTD...
BA782 SEMTECH_ELEC-BA782 Datasheet
329Kb / 3P
   Band Switching Diode
BA782 SEMTECH_ELEC-BA782 Datasheet
545Kb / 3P
   Band Switching Diode
logo
Vishay Siliconix
BA782-G VISHAY-BA782-G Datasheet
77Kb / 3P
   Band Switching Diodes
Rev. 1.1, 14-May-14
More results

Similar Description - BA782

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA682-GS08 VISHAY-BA682-GS08 Datasheet
82Kb / 5P
   Band Switching Diodes
Rev. 1.5, 16-Mar-06
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
   Band Switching Diodes
Rev. 1.6, 16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
   Band Switching Diodes
Rev. 1.6, 05-Aug-10
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
   Band-switching diodes
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
   Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
   Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
   Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
   Band Switching Diodes
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
   Band Switching Diodes
logo
Vishay Siliconix
BA782-V VISHAY-BA782-V Datasheet
63Kb / 3P
   Band Switching Diodes
Rev. 1.4, 05-Aug-10
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
   Band Switching Diodes
Rev. 1.7, 05-Dec-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com