Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR64V-05W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAR64V-05W
Description  RF PIN Diodes - Dual, Common Cathode in SOT-323
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAR64V-05W Datasheet(HTML) 2 Page - Vishay Siliconix

  BAR64V-05W Datasheet HTML 1Page - Vishay Siliconix BAR64V-05W Datasheet HTML 2Page - Vishay Siliconix BAR64V-05W Datasheet HTML 3Page - Vishay Siliconix BAR64V-05W Datasheet HTML 4Page - Vishay Siliconix BAR64V-05W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAR64V-05W
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 25-Feb-13
2
Document Number: 81836
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Resistance vs. Forward Current
Fig. 2 - Diode Capacitance vs. Reverse Voltage
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Typical Charge Recovery Curve
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 50 mA
VF
1.1
V
Reverse voltage
IF = 10 μA
VR
100
V
Reverse current
VR = 50 V
IR
0.05
μA
Diode capacitance
f = 1 MHz, VR = 0 V
CD
0.5
pF
f = 1 MHz, VR = 1 V
CD
0.37
0.5
pF
f = 1 MHz, VR = 20 V
CD
0.23
0.35
pF
Differential forward resistance
f = 100 MHz, IF = 1 mA
rf
10
20
f = 100 MHz, IF = 10 mA
rf
23.8
f = 100 MHz, IF = 100 mA
rf
0.8
1.35
Charge carrier lifetime
IF = 10 mA, IR = 6 mA, iR = 3 mA
trr
1.8
μs
Series inductance
LS
1nH
0.1
1.0
10.0
100.0
0.1
1
10
100
18342
I - Forward Current (mA)
F
f = 100 MHz
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
16
20
24
28
18334
V - Reverse Voltage (V)
R
f = 1 MHz
12
08
4
0.01
0.10
1.00
10.00
100.00
0.5
0.6
0.7
0.8
0.9
1.0
V - Forward Voltage (V)
F
18326
- 8
- 6
- 4
- 2
0
2
4
6
8
10
12
- 500
500
1500
2500
3500
18338
t
rr - Reverse Recovery Time (ns)
I = 10 mA
F
I = 6 mA
R
i =
3 mA
R


Similar Part No. - BAR64V-05W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR64V-05W-V VISHAY-BAR64V-05W-V Datasheet
121Kb / 6P
   RF PIN Diodes - Dual, Common Cathode in SOT323
Rev. 1.1, 25-Feb-08
BAR64V-05W-V VISHAY-BAR64V-05W-V Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
BAR64V-05W-V-GS08 VISHAY-BAR64V-05W-V-GS08 Datasheet
121Kb / 6P
   RF PIN Diodes - Dual, Common Cathode in SOT323
Rev. 1.1, 25-Feb-08
BAR64V-05W-V-GS18 VISHAY-BAR64V-05W-V-GS18 Datasheet
121Kb / 6P
   RF PIN Diodes - Dual, Common Cathode in SOT323
Rev. 1.1, 25-Feb-08
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
More results

Similar Description - BAR64V-05W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR64-05W VISHAY-BAR64-05W Datasheet
110Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
01-Jan-2022
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
BAR64V-05 VISHAY-BAR64V-05 Datasheet
100Kb / 4P
   RF PIN Diodes - Dual, Common Cathode in SOT-23
Rev. 1.2, 26-Apr-04
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR64V-05W-V VISHAY-BAR64V-05W-V Datasheet
121Kb / 6P
   RF PIN Diodes - Dual, Common Cathode in SOT323
Rev. 1.1, 25-Feb-08
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
BAR63V-03W VISHAY-BAR63V-03W Datasheet
131Kb / 5P
   RF PIN Diode - Single in SOT-323
Rev. 1.3, 15-Apr-05
BAR64V-04 VISHAY-BAR64V-04 Datasheet
116Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.2, 26-Apr-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com