Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-GA100NA60UP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-GA100NA60UP
Description  Insulated Gate Bipolar Transistor (Warp 2 Speed IGBT), 100 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GA100NA60UP Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-GA100NA60UP Datasheet HTML 1Page - Vishay Siliconix VS-GA100NA60UP Datasheet HTML 2Page - Vishay Siliconix VS-GA100NA60UP Datasheet HTML 3Page - Vishay Siliconix VS-GA100NA60UP Datasheet HTML 4Page - Vishay Siliconix VS-GA100NA60UP Datasheet HTML 5Page - Vishay Siliconix VS-GA100NA60UP Datasheet HTML 6Page - Vishay Siliconix VS-GA100NA60UP Datasheet HTML 7Page - Vishay Siliconix VS-GA100NA60UP Datasheet HTML 8Page - Vishay Siliconix VS-GA100NA60UP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-GA100NA60UP
www.vishay.com
Vishay Semiconductors
Revision: 01-Feb-12
2
Document Number: 94543
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Collector to emitter breakdown voltage
V(BR)CES
VGE = 0 V, IC = 250 μA
VGE = 0 V, IC = 1.0 mA
600
-
-
V
Temperature coeffecient of
breakdown voltage
V
(BR)CESTJ
-0.36
-
V/°C
Collector to emitter saturation voltage
VCE(on)
VGE = 15 V, IC = 50 A
See fig. 1, 4
-
1.49
2.1
V
VGE = 15 V, IC = 100 A
-
1.80
-
VGE = 15 V, IC = 50 A, TJ = 150 °C
-
1.47
-
Gate threshold voltage
VGE(th)
VCE = VGE, IC = 250 μA
3.0
-
6.0
Temperature coefficient of
threshold voltage
V
GE(th)/ TJ
VCE = VGE, IC = 250 μA
-
- 7.6
-
mV/°C
Forward transconductance
gfe
VCE = 100 V, IC = 50 A
34
52
-
S
Zero gate voltage collector current
ICES
VGE = 0 V, VCE = 600 V
-
-
250
μA
VGE = 0 V, VCE = 600 V, TJ = 150 °C
-
-
1.3
mA
Diode forward voltage drop
VFM
IC = 50 A
See fig. 12
-1.3
1.6
V
IC = 50 A, TJ = 150 °C
-
1.16
1.3
Gate to emitter leakage current
IGES
VGE = ± 20 V
-
-
± 100
nA
SWITCHING CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Total gate charge (turn-on)
Qg
IC = 50 A
VCC = 400 V
VGE = 15 V
See fig. 7
-
430
640
nC
Gate emitter charge (turn-on)
Qge
-48
72
Gate collector charge (turn-on)
Qgc
-
130
190
Turn-on delay time
td(on)
TJ = 25 °C
IC = 60 A, VCC = 480 V
VGE = 15 V, Rg = 5.0
energy losses include “tail” and
diode reverse recovery
-57
-
ns
Rise time
tr
-80
-
Turn-off delay time
td(off)
-
240
-
Fall time
tf
-
120
-
Turn-on switching loss
Eon
-0.41
-
mJ
Turn-off switching loss
Eoff
-2.51
-
Total switching loss
Ets
-
2.92
4.4
Turn-on delay time
td(on)
TJ = 150 °C
IC = 60 A, VCC = 480 V
VGE = 15 V, Rg = 5.0
energy losses include “tail” and
diode reverse recovery
-57
-
ns
Rise time
tr
-80
-
Turn-off delay time
td(off)
-
380
-
Fall time
tf
-
170
-
Total switching loss
Ets
-4.78
-
mJ
Internal emitter inductance
LE
-2.0
-
nH
Input capacitance
Cies
VGE = 0 V
VCC = 30 V
f = 1.0 MHz
See fig. 6
-
7400
-
pF
Output capacitance
Coes
-
730
-
Reverse transfer capacitance
Cres
-90
-
Diode reverse recovery time
trr
TJ = 25 °C
See fig. 13
IF = 50 A
VR = 200 V
dI/dt = 200 A/μs
-
90
140
ns
TJ = 125 °C
-
120
180
Diode peak reverse recovery current
Irr
TJ = 25 °C
See fig. 14
-7.3
11
A
TJ = 125 °C
-
11
16
Diode reverse recovery charge
Qrr
TJ = 25 °C
See fig. 15
-
360
550
nC
TJ = 125 °C
-
780
1200
Diode peak rate of fall recovery
during tb
dI(rec)M/dt
TJ = 25 °C
See fig. 16
-
370
-
A/μs
TJ = 125 °C
-
220
-


Similar Part No. - VS-GA100NA60UP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GA100TS120UPBF VISHAY-VS-GA100TS120UPBF Datasheet
263Kb / 10P
   Very low conduction and switching losses
Revision: 26-Mar-12
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
181Kb / 7P
   Optimized for hard switching speed
Revision: 10-Jun-15
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
153Kb / 7P
   ?쏦alf-Bridge??IGBT INT-A-PAK, (Standard Speed IGBT), 100 A
08-Feb-17
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF_V01 Datasheet
153Kb / 7P
   ?쏦alf-Bridge??IGBT INT-A-PAK, (Standard Speed IGBT), 100 A
08-Feb-17
More results

Similar Description - VS-GA100NA60UP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA100NA60UP VISHAY-GA100NA60UP Datasheet
252Kb / 10P
   Insulated Gate Bipolar Transistor (Warp 2 Speed IGBT), 100 A
Revision: 22-Jul-10
GB100DA60UP VISHAY-GB100DA60UP Datasheet
186Kb / 10P
   Insulated Gate Bipolar Transistor (Warp 2 Speed IGBT), 100 A
Revision: 22-Jul-10
VS-GA200SA60UP VISHAY-VS-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
GA200SA60UP VISHAY-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
VS-GT100DA120UF VISHAY-VS-GT100DA120UF Datasheet
191Kb / 11P
   Insulated Gate Bipolar Transistor (Ultrafast IGBT), 100 A
01-Jan-2022
GT100DA60U VISHAY-GT100DA60U_V01 Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U Datasheet
175Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
VS-GT100DA120UF VISHAY-VS-GT100DA120UF_V01 Datasheet
191Kb / 11P
   Insulated Gate Bipolar Transistor (Ultrafast IGBT), 100 A
01-Jan-2023
GT100DA120U VISHAY-GT100DA120U Datasheet
177Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
VS-GT100DA120U VISHAY-VS-GT100DA120U Datasheet
176Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com