Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG1210S020R014 Datasheet(PDF) 9 Page - Kemet Corporation

Part # VG1210S020R014
Description  Surface Mount Varistors VG Series ESD Suppression
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VG1210S020R014 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button VG1210S020R014 Datasheet HTML 5Page - Kemet Corporation VG1210S020R014 Datasheet HTML 6Page - Kemet Corporation VG1210S020R014 Datasheet HTML 7Page - Kemet Corporation VG1210S020R014 Datasheet HTML 8Page - Kemet Corporation VG1210S020R014 Datasheet HTML 9Page - Kemet Corporation VG1210S020R014 Datasheet HTML 10Page - Kemet Corporation VG1210S020R014 Datasheet HTML 11Page - Kemet Corporation VG1210S020R014 Datasheet HTML 12Page - Kemet Corporation VG1210S020R014 Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0004_VG • 10/26/2016
Surface Mount Varistors
VG Series ESD Suppression 125°C
Soldering Pad Configuration
W
L
t
M
B
C
B
A
D
A
Size
L (mm)
W (mm)
h (mm)
t
max (mm)
A (mm)
B (mm)
C (mm)
D (mm)
0603
1.6±0.20
0.80±0.10
0.5±0.25
1.0
1.0
1.0
0.6
2.6
0805
2.0±0.25
1.25±0.20
0.5±0.25
1.1
1.4
1.2
1.0
3.4
1206
3.2±0.30
1.60±0.20
0.5±0.25
1.6
1.8
1.2
2.1
4.5
1210
3.2±0.30
2.50±0.25
0.5±0.25
1.8
2.8
1.2
2.1
4.5
Packaging
Voltage
Range (V)
Chip Size
0603
0805
1206
1210
Reel Size
180
180
180
180
14
4000
4000
4000
4000


Similar Part No. - VG1210S020R014

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VG121022R440 AVX-VG121022R440 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
VG121022R440 AVX-VG121022R440 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VG121038S770 AVX-VG121038S770 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
VG121038S770 AVX-VG121038S770 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VG121065P131 AVX-VG121065P131 Datasheet
75Kb / 2P
   Glass Encapsulated TransGuard
More results

Similar Description - VG1210S020R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
V220CH8T LITTELFUSE-V220CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com