Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6602BCBZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6602BCBZ-T
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6602BCBZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6602BCBZ-T Datasheet HTML 4Page - Intersil Corporation HIP6602BCBZ-T Datasheet HTML 5Page - Intersil Corporation HIP6602BCBZ-T Datasheet HTML 6Page - Intersil Corporation HIP6602BCBZ-T Datasheet HTML 7Page - Intersil Corporation HIP6602BCBZ-T Datasheet HTML 8Page - Intersil Corporation HIP6602BCBZ-T Datasheet HTML 9Page - Intersil Corporation HIP6602BCBZ-T Datasheet HTML 10Page - Intersil Corporation HIP6602BCBZ-T Datasheet HTML 11Page - Intersil Corporation HIP6602BCBZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN9076.5
July 22, 2005
Typical Performance Curves
FIGURE 2. POWER DISSIPATION vs FREQUENCY
FIGURE 3. 1nF LOADING PROFILE
FIGURE 4. 3nF LOADING PROFILE
FIGURE 5. POWER DISSIPATION vs LOADING
FIGURE 6. POWER DISSIPATION vs FREQUENCY, PVCC = 5V
FIGURE 7. POWER DISSIPATION vs FREQUENCY, PVCC = 5V
1200
1000
800
600
400
200
0
0
500
1000
1500
FREQUENCY (kHz)
PVCC = 12V
VCC = 12V
CU = CL = 2nF
CU = CL = 1nF
CU = CL
CU = CL
CU = CL
= 3nF
= 4nF
= 5nF
1200
800
600
400
200
0
0
500
1000
2000
FREQUENCY (kHz)
1500
PVCC = VCC = 12V
1000
CU = CL = 1nF
CL = 1nF, CU = 0nF
CU = 1nF, CL = 0nF
1200
800
600
400
200
0
0
500
1000
FREQUENCY (kHz)
1500
PVCC = VCC = 12V
1000
CU = CL = 3nF
CL = 3nF, CU = 0nF
CU = 3nF, CL = 0nF
10kHz
30kHz
100kHz
200kHz
500kHz
12
3
4
5
1200
1000
800
600
400
200
0
GATE CAPACITANCE (CU = CL), (nF)
PVCC = VCC = 12V
PVCC = 5V, VCC = 12V
CU = CL = 4nF
CU = CL = 5nF
CU = CL = 2nF
CU = CL =1nF
800
700
500
600
300
100
0
0
500
1500
2000
FREQUENCY (kHz)
1000
200
400
CU = CL = 3nF
0
500
1000
1500
2000
FREQUENCY (kHz)
350
300
250
200
150
100
50
0
PVCC = 5V, VCC = 12V
CL = 1nF, CU = 0nF
CU = CL = 1nF
CU = 1nF, CL = 0nF
HIP6602B


Similar Part No. - HIP6602BCBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6602BCBZ-T RENESAS-HIP6602BCBZ-T Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - HIP6602BCBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com